Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM7172ACPZ-R7
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM7172ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADM7172
Data Sheet
Rev. C | Page 20 of 23
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADM7172 is protected against damage due to excessive
power dissipation by current-limit and thermal overload protection
circuits. The ADM7172 is designed to current limit when the
output load reaches 3 A (typical). When the output load exceeds
3 A, the output voltage is reduced to maintain a constant
current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 150°C (typical). Under
extreme conditions (that is, high ambient temperature and/or
high power dissipation) when the junction temperature starts to
rise above 150°C, the output is turned off, reducing the output
current to zero. When the junction temperature drops below
135°C, the output is turned on again, and the output current is
restored to its operating value.
Consider the case where a hard short from VOUT to ground
occurs. At first, the ADM7172 current limits, so that only 3 A is
conducted into the short. If self heating of the junction is great
enough to cause its temperature to rise above 150°C, thermal
shutdown activates, turning off the output and reducing the output
current to zero. As the junction temperature cools and drops
below 135°C, the output turns on and conducts 3 A into the
short, again causing the junction temperature to rise above
150°C. This thermal oscillation between 135°C and 150°C
causes a current oscillation between 3 A and 0 mA that
continues for as long as the short remains at the output.
Current-limit and thermal limit protections are intended to
protect the device against accidental overload conditions. For
reliable operation, device power dissipation must be externally
limited so that the junction temperature does not exceed 125°C.
THERMAL CONSIDERATIONS
In applications with low input-to-output voltage differential, the
ADM7172 does not dissipate much heat. However, in applications
with high ambient temperature and/or high input voltage, the heat
dissipated in the package may become large enough that it causes
the junction temperature of the die to exceed the maximum
junction temperature of 125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature has decreased below 135°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the temperature
rise of the package due to the power dissipation, as shown in
Equation 2.
To guarantee reliable operation, the junction temperature of the
ADM7172 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistances between
the junction and ambient air (θJA). The θJA number is dependent
on the package assembly compounds that are used and the
amount of copper used to solder the package GND pin to the PCB.
Table 7 shows typical θJA values of the 8-lead LFCSP package for
various PCB copper sizes. The typical value of ΨJB is 15.1°C/W for
the 8-lead LFCSP package.
Table 7. Typical θJA Values
Copper Size (mm2)
θJA (°C/W) of LFCSP
251
165.1
100
125.8
500
68.1
1000
56.4
6400
42.1
1 Device soldered to minimum size pin traces.
The junction temperature of the ADM7172 is calculated from
the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(3)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are the input and output voltages, respectively.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(4)
As shown in Equation 4, for a given ambient temperature, input-
to-output voltage differential, and continuous load current, a
minimum copper size requirement exists for the PCB to ensure
that the junction temperature does not rise above 125°C. Figure 65
to Figure 67 show junction temperature calculations for different
ambient temperatures, power dissipation, and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com