Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM7172ACPZ-R7
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM7172ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADM7172
Data Sheet
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
1
10
100
1k
10k
100k
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1.0A
ILOAD = 2.0A
Figure 46. Output Noise Spectral Density, VOUT = 5 V
FREQUENCY (Hz)
10M
1
10
100
1k
10k
100k
1M
1
10
100
1k
10k
100k
5.0V
3.0V
1.2V
Figure 47. Output Noise Spectral Density, Different Output Voltages, Load
Current = 100 mA
CH1 500mA ΩBW CH2 20mV BW M4.0µs
A CH1
570mA
T 10.4%
1
2
T
Figure 48. Load Transient Response, ILOAD = 10 mA to 1 A,
VOUT = 5 V, VIN = 5.5 V, CH1 = ILOAD, CH2 = VOUT
CH1 500mA ΩBW CH2 20mV BW M1.0µs
A CH1
950mA
T 12.4%
T
1
2
Figure 49. Load Transient Response, ILOAD = 100 mA to 1.6 A,
VOUT = 5 V, VIN = 5.5 V, CH1 = ILOAD, CH2 = VOUT
CH1 500mA ΩBW CH2 20mV BW M1.0µs
A CH1
530mA
T 10.8%
T
1
2
Figure 50. Load Transient Response, ILOAD = 10 mA to 1 A,
Adjustable Version, VOUT = 1.2 V, VIN = 2.5 V, CH1 = ILOAD, CH2 = VOUT
CH1 500mA ΩBW CH2 20mV BW M1.0µs
A CH1
530mA
T 11.6%
T
1
2
Figure 51. Load Transient Response, ILOAD = 100 mA to 1.6 A,
Adjustable Version, VOUT = 1.2 V, VIN = 2.5 V, CH1 = ILOAD, CH2 = VOUT
Rev. C | Page 14 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com