Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5053ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5053ACPZ-R7
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5053ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Data Sheet
ADP5053
Rev. B | Page 29 of 36
SELECTING THEOUTPUT CAPACITOR
The output capacitor must meet the output voltage ripple and
load transient requirements. To meet the output voltage ripple
requirement, use the following equations to calculate the ESR
and capacitance:
RIPPLE
OUT
SW
L
RIPPLE
OUT
V
f
I
C
_
_
8
∆
×
×
∆
=
L
RIPPLE
OUT
ESR
I
V
R
∆
∆
=
_
The calculated capacitance, COUT_RIPPLE, is 20.8 µF, and the
calculated RESR is 10 mΩ.
To meet the ±5% overshoot and undershoot requirements, use
the following equations to calculate the capacitance:
(
)
UV
OUT
OUT
IN
STEP
UV
UV
OUT
V
V
V
L
I
K
C
_
2
_
2
∆
×
−
×
×
∆
×
=
(
)
2
2
2
_
OUT
OUT_OV
OUT
STEP
OV
OV
OUT
V
V
V
L
I
K
C
−
∆
+
×
∆
×
=
For estimation purposes, use KOV = KUV = 2; therefore, COUT_OV =
117 µF and COUT_UV = 13.3 µF.
The ESR of the output capacitor must be less than13.3mΩ,and the
output capacitance must be greater than 117µF. Itis recommended
that three ceramic capacitors be used (47 µF,X5R, 6.3V), such as
the GRM21BR60J476ME15 from Murata with an ESR of 2 mΩ.
SELECTING THELOW-SIDEMOSFET
A low RDSON N-channel MOSFET must be selected for high
efficiency solutions. The MOSFET breakdown voltage (VDS)
must be greater than 1.2 × VIN, and the drain current must be
greater than 1.2 × ILIMIT_MAX.
It is recommended that a 20 V, dual N-channel MOSFET, such
as the Si7232DN from Vishay, be used for both Channel 1 and
Channel 2. The RDSON of the Si7232DN at 4.5 V driver voltage is
16.4 mΩ, and the total gate charge is 12 nC.
DESIGNING THECOMPENSATION NETWORK
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this example, fSW is set to 600 kHz;
therefore, fC is set to 60 kHz.
For the 1.2 V output rail, the 47 µF ceramic output capacitor has
a derated value of 40 µF.
kΩ
14.4
A/V
10
S
μ
470
V
0.8
kHz
60
F
μ
40
3
V
1.2
π
2
=
×
×
×
×
×
×
×
=
C
R
(
)
nF
2.51
kΩ
14.4
μF
40
3
Ω
0.001
Ω
0.3
=
×
×
+
=
C
C
pF
8.3
kΩ
14.4
μF
40
3
Ω
0.001
=
×
×
=
CP
C
Choose standard components: RC = 15 kΩ and CC = 2.7 nF.
CCP is optional.
Figure 48 shows the Bode plot for the 1.2 V output rail. The
cross frequency is 62 kHz,and thephase marginis 58°.Figure49
shows the load transient waveform.
100
–100
–80
–60
–40
–20
0
20
40
60
80
120
–180
–150
–120
–90
–60
–30
0
30
60
90
1k
10k
100k
1M
FREQUENCY (Hz)
CROSS FREQUENCY: 62kHz
PHASE MARGIN: 58°
Figure 48. Bode Plot for 1.2 V Output
CH1 50.0mV
B
W
CH4 2.00A Ω BW
M200µs
A CH4
2.32A
1
4
VOUT
IOUT
Figure 49. 0.8 A to 3.2 A Load Transient for 1.2 V Output
SELECTING THESOFT START TIME
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting the inrush current.
Use the SS12 pin to program a soft start time of 2 ms, 4 ms,
or 8 ms and to configure parallel operationof Channel 1 and
Channel 2. For more information, see the Soft Start section
and Table 9.
SELECTING THEINPUT CAPACITOR
For the input capacitor, selecta ceramic capacitor with a minimum
value of 10 µF; place the input capacitor near to the PVIN1 pin.
In this example, one 10 µF, X5R, 25 V ceramic capacitor is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com