Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5053ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5053ACPZ-R7
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5053ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 12 of 36
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
fSW = 1.0MHz
fSW = 600kHz
fSW = 300kHz
Figure 10. Channel 3/Channel 4 Efficiency Curve, VIN = 12 V, VOUT = 1.8 V,
FPWM Mode
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
2
IOUT (A)
VOUT = 1.2V, FPWM
VOUT = 1.2V, AUTO PWM/PSM
VOUT = 1.8V, FPWM
VOUT = 1.8V, AUTO PWM/PSM
VOUT = 3.3V, FPWM
VOUT = 3.3V, AUTO PWM/PSM
Figure 11. Channel 3/Channel 4 Efficiency Curve, VIN = 12 V, fSW = 600 kHz,
FPWM and Automatic PWM/PSM Modes
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
1
2
3
4
IOUT (A)
Figure 12. Channel 1 Load Regulation, VIN = 12 V, VOUT = 3.3 V, fSW = 600 kHz,
FPWM Mode
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
INPUT VOLTAGE (V)
Figure 13. Channel 1 Line Regulation, VOUT = 3.3 V, IOUT = 4 A,
fSW = 600 kHz, FPWM Mode
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
Figure 14. Channel 3 Load Regulation, VIN = 12 V, VOUT = 3.3 V, fSW = 600 kHz,
FPWM Mode
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
INPUT VOLTAGE (V)
Figure 15. Channel 3 Line Regulation, VOUT = 3.3 V, IOUT = 1 A,
fSW = 600 kHz, FPWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com