Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5053ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5053ACPZ-R7
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5053ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Data Sheet
ADP5053
Rev. B | Page 7 of 36
SUPERVISORYSPECIFICATIONS
VIN = 12 V, VVREG = 5.1 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
THRESHOLD VOLTAGE
VTH
0.494
0.500
0.505
V
RESET TIMEOUT PERIOD
tRP
Option 0
1.05
1.4
1.97
ms
Option 1
21
28
38
ms
Option 2
160
200
260
ms
Option 3
1.15
1.6
2.17
sec
VCC TO RESET DELAY
tRD
80
µs
VTH falling at 1 mV/µs
WATCHDOG INPUT
Watchdog Timeout Period
tWD
Option 0
4.8
6.3
8
ms
Option 1
79
102
135
ms
Option 2
1.14
1.6
2.15
sec
Option 3
25.6
sec
WDI Pulse Width
80
ns
WDI Input Threshold
0.4
1.2
V
WDI Input Current (Source)
8.5
14
18.5
µA
VWDI = VCC, time average
WDI Input Current (Sink)
−15
−22
−30
µA
VWDI = 0 V, time average
MANUAL RESET INPUT
MR Input Pulse Width
1
µs
MR Glitch Rejection
280
ns
MR Pull-Up Resistance
32
55
80
kΩ
MR to Reset Delay
310
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com