Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5053ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5053ACPZ-R7
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5053ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 24 of 36
SOFT START SETTING
The buck regulators in the ADP5053 include soft start circuitry
that ramps the output voltage in a controlled manner during
startup, thereby limiting the inrush current. To set the soft start
time to a value of 2 ms, 4 ms, or 8 ms, connect a resistor divider
from the SS12 or SS34 pin to the VREG pin and ground (see the
Soft Start section).
INDUCTOR SELECTION
The input voltage, output voltage, inductor ripple current, and
switching frequency determine the inductor value. Using a small
inductor value yields faster transient response but degrades
efficiency due to the larger inductor ripple current. Using a large
inductor value yields a smaller ripple current and better efficiency
but results in slower transient response. Thus, a trade-off is
required between transient response and efficiency. As a
guideline, the inductor ripple current, ΔIL, is typically set to a
value from 30% to 40% of the maximum load current. Calculate
the inductor value using the following equation:
L = [(VIN − VOUT) × D]/(ΔIL × fSW)
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle (D = VOUT/VIN).
ΔIL is the inductor ripple current.
fSW is the switching frequency.
The ADP5053 has internal slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle is
greater than 50%. Because the internal current sense signal is
required, the inductor value mustnotbe larger than10 µH for
Channel 1 and Channel 2 or 22µH for Channel 3 and Channel4.
Calculate the peak inductor current using the following
equation:
IPEAK = IOUT + (ΔIL/2)
The saturation current of the inductor must be larger than the
peak inductor current. For ferrite core inductors with a fast
saturation characteristic, to prevent the inductor from
becoming saturated by ensuring that the saturation current
rating of the inductor is higher than the current-limit threshold
of the buck regulator.
Calculate the rms current of the inductor using the following
equation:
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 11 lists recommended inductors.
Table 11. Recommended Inductors
Vendor
Part No.
Value
(µH)
ISAT
(A)
IRMS
(A)
DCR
(mΩ)
Size
(mm)
Coilcraft XFL4020-102
1.0
5.4
11
10.8
4 × 4
XFL4020-222
2.2
3.7
8.0
21.35 4 × 4
XFL4020-332
3.3
2.9
5.2
34.8
4 × 4
XFL4020-472
4.7
2.7
5.0
52.2
4 × 4
XAL4030-682
6.8
3.6
3.9
67.4
4 × 4
XAL4040-103
10
3.0
3.1
84
4 × 4
XAL6030-102
1.0
23
18
5.62
6 × 6
XAL6030-222
2.2
15.9
10
12.7
6 × 6
XAL6030-332
3.3
12.2
8.0
19.92 6 × 6
XAL6060-472
4.7
10.5
11
14.4
6 × 6
XAL6060-682
6.8
9.2
9.0
18.9
6 × 6
TOKO
FDV0530-1R0
1.0
11.2
9.1
9.4
6.2 × 5.8
FDV0530-2R2
2.2
7.1
7.0
17.3
6.2 × 5.8
FDV0530-3R3
3.3
5.5
5.3
29.6
6.2 × 5.8
FDV0530-4R7
4.7
4.6
4.2
46.6
6.2 × 5.8
OUTPUT CAPACITOR SELECTION
The selected output capacitor affects both the output voltage
ripple and the loop dynamics of the regulator. For example,
during load step transients on the output, when the load is
suddenly increased, the output capacitor supplies the load until
the control loop can ramp up the inductor current, causing an
undershoot of the output voltage.
Calculate the output capacitance required to meet the
undershoot (voltage droop) requirement using the following
equation:
(
)
UV
OUT
OUT
IN
STEP
UV
UV
OUT
V
V
V
L
I
K
C
_
2
_
2
∆
×
−
×
×
∆
×
=
where:
KUV is a factor (typically set to 2).
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
Another example of the effect of the outputcapacitor on the loop
dynamics of the regulator is when the load is suddenly removed
from the output and the energy stored in the inductor rushes into
the output capacitor, causing an overshoot of the output voltage.
Calculate the output capacitance required to meet the overshoot
requirement using the following equation:
(
)
2
2
2
_
OUT
OUT_OV
OUT
STEP
OV
OV
OUT
V
V
V
L
I
K
C
−
∆
+
×
∆
×
=
where:
KOV is a factor (typically set to 2).
ΔISTEP is the load step.
ΔVOUT_OV is the allowable overshoot on the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com