Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5053ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5053ACPZ-R7
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5053ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5053ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 4 of 36
SPECIFICATIONS
VIN = 12 V, VVREG = 5.1 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications,
unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VIN
4.5
15.0
V
PVIN1, PVIN2, PVIN3, PVIN4 pins
QUIESCENT CURRENT
PVIN1, PVIN2, PVIN3, PVIN4 pins
Operating Quiescent Current
IQ
4.8
6.35
mA
No switching, all ENx pins high
ISHDN
25
65
µA
All ENx pins low
UNDERVOLTAGE LOCKOUT
UVLO
PVIN1, PVIN2, PVIN3, PVIN4 pins
Threshold
Rising
VUVLO-RISING
4.2
4.36
V
Falling
VUVLO-FALLING
3.6
3.78
V
Hysteresis
VHYS
0.42
V
OSCILLATOR CIRCUIT
Switching Frequency
fSW
700
740
780
kHz
RT = 25.5 kΩ
Range
250
1400
kHz
SYNC Input
Input Clock Range
fSYNC
250
1400
kHz
Input Clock Pulse Width
Minimum On Time
tSYNC_MIN_ON
100
ns
Minimum Off Time
tSYNC_MIN_OFF
100
ns
Input Clock High Voltage
VH (SYNC)
1.3
V
Input Clock Low Voltage
VL (SYNC)
0.4
V
SYNC Output
Clock Frequency
fCLK
fSW
kHz
Positive Pulse Duty Cycle
tCLK_PULSE_DUTY
50
%
Rise or Fall Time
tCLK_RISE_FALL
10
ns
High Level Voltage
VH (SYNC_OUT)
VVREG
V
PRECISION ENABLING
EN1, EN2, EN3, EN4 pins
High Level Threshold
VTH_H (EN)
0.806
0.832
V
Low Level Threshold
VTH_L(EN)
0.688
0.725
V
Pull-Down Resistor
RPULL-DOWN (EN)
1.0
MΩ
POWER GOOD
Internal Power-Good
Rising Threshold
VPWRGD (RISE)
86.3
90.5
95
%
Hysteresis
VPWRGD (HYS)
3.3
%
Falling Delay
tPWRGD_FALL
50
µs
Rising Delay for PWRGD Pin
tPWRGD_PIN_RISE
1
ms
Leakage Current for PWRGD Pin
IPWRGD_LEAKAGE
0.1
1
µA
Output Low Voltage for PWRGD Pin
VPWRGD_LOW
50
100
mV
IPWRGD = 1 mA
INTERNAL REGULATORS
VDD
Output Voltage
VVDD
3.2
3.305
3.4
V
IVDD = 10 mA
Current Limit
ILIM_VDD
20
51
80
mA
VREG
Output Voltage
VVREG
4.9
5.1
5.3
V
Dropout Voltage
VDROPOUT
225
mV
IVREG = 50 mA
Current Limit
ILIM_VREG
50
95
140
mA
THERMAL SHUTDOWN
Threshold
TSHDN
150
°C
Hysteresis
THYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com