Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8003ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8003ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
AD8003
Rev. C | Page 3 of 16
SPECIFICATIONS WITH ±5 V SUPPLY
TA = 25°C, VS = ±5 V, RL = 150 Ω, Gain = +2, RF = 464 Ω, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, Vo = 0.2 V p-p, RF = 432 Ω
1650
MHz
G = +2, Vo = 2 V p-p
730
MHz
G = +10, Vo = 0.2 V p-p
290
MHz
G = +5, Vo = 2 V p-p
330
MHz
Bandwidth for 0.1 dB Flatness
Vo = 2 V p-p
190
MHz
Slew Rate
G = +2, Vo = 2 V step, RL = 150 Ω
3800
V/µs
Settling Time to 0.1%
G = +2, Vo = 2 V step
12
ns
Overload Recovery Input/Output
30/40
ns
NOISE/HARMONIC PERFORMANCE
Second/Third Harmonic @ 5 MHz
G = +1, Vo = 2 V p-p
76/97
dBc
Second/Third Harmonic @ 20 MHz
G = +1, Vo = 2 V p-p
79/73
dBc
Input Voltage Noise
f = 1 MHz
1.8
nV/√Hz
Input Current Noise (I−/I+)
f = 1 MHz
36/3
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.05
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.01
Degree
DC PERFORMANCE
Input Offset Voltage
−9.3
+0.7
+9.3
mV
TMIN − TMAX
1.08
mV
Input Offset Voltage Drift
7.4
µV/°C
Input Bias Current
+IB/−IB
−19/−40
−7/−7
+4/+50
µA
TMIN − TMAX (+IB/−IB)
−3.8/+29.5
µA
Input Offset Current
±14.2
µA
Transimpedance
Vo = ±2.5 V
400
600
1100
kΩ
INPUT CHARACTERISTICS
Noninverting Input Impedance
1.6/3
MΩ/pF
Input Common-Mode Voltage Range
±3.6
V
Common-Mode Rejection Ratio
VCM = ±2.5 V
−51
−48
−46
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω
±3.85
±3.9
±3.92
V
Linear Output Current
VO = 2 V p-p, second harmonic < −50 dBc
100
mA
Capacitive Load Drive
40% over shoot
27
pF
POWER DOWN PINS
Power-Down Input Voltage
Power down
<VS − 2.5
V
Enable
>VS − 2.5
V
Turn-Off Time
50% of power-down voltage to
10% of VOUT final, VIN = 0.5 V p-p
40
ns
Turn-On Time
50% of power-down voltage to
90% of VOUT final, VIN = 0.5 V p-p
130
ns
Input Current
Enabled
0.1
µA
Power-Down
−365
−235
−85
µA
POWER SUPPLY
Operating Range
4.5
10
V
Quiescent Current per Amplifier
Enabled
8.1
9.5
10.2
mA
Quiescent Current per Amplifier
Power down
1.2
1.4
1.6
mA
Power Supply Rejection Ratio (+PSRR/−PSRR)
−59/−57
−57/−53
−55/−50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com