Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8003ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8003ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
AD8003
Rev. C | Page 9 of 16
G= +2
RL = 150Ω
0
5000
4000
1000
3000
2000
6000
07
VOUT p-p (V)
VS = +5V
VS = ±5V
123
456
RISE
FALL
Figure 22. Slew Rate vs. Output Voltage
G = +2
VS = ±5V
RL = 150Ω
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TIME (µs)
OUTPUT
INPUT × 2
Figure 23. Output Overdrive Recovery
G= 0
VS =±5V
RL = 150Ω
–60
–40
–50
–30
–10
–20
0
0.1
1
10
100
FREQUENCY (MHz)
Figure 24. Common-Mode Rejection vs. Frequency
G = +1
VS = ±5V
RL = 150Ω
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TIME (µs)
OUTPUT
INPUT
Figure 25. Input Overdrive Recovery
G= +1/+2
VS =±5V
0.1
1
100
10
1000
0.1
1
10
100
1000
FREQUENCY (MHz)
Figure 26. Output Impedance vs. Frequency
G= +2
VS =±5V
RL = 150Ω
–70
–60
–40
–50
–30
–10
–20
0
0.1
1
10
100
1000
FREQUENCY (MHz)
PSR–
PSR+
Figure 27. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com