Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8003ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AD8003
Data Sheet
Rev. C | Page 12 of 16
APPLICATIONS INFORMATION
GAIN CONFIGURATIONS
Unlike conventional voltage feedback amplifiers, the feedback
resistor has a direct impact on the closed-loop bandwidth and
stability of the current feedback op amp circuit. Reducing the
resistance below the recommended value can make the amplifier
response peak and can even become unstable. Increasing the
size of the feedback resistor reduces the closed-loop bandwidth.
Table 5 provides a convenient reference for quickly determining
the feedback and gain set resistor values, and the small and
large signal bandwidths for common gain configurations. The
feedback resistors in Table 5 have been optimized for 0.1 dB
flatness frequency response.
Table 5. Recommended Values and Frequency Response1
Gain
RF (Ω)
RG (Ω)
RS (Ω)
−3 dB
SS BW
(MHz)
Large
Signal
−3 dB
BW
Large
Signal
0.1 dB
BW
−1
300
300
0
734
668
--
+1
432
N/A
24.9
1650
822
--
+2
464
464
0
761
730
190
+5
300
75
0
567
558
165
+10
300
33.2
0
446
422
170
1
Conditions: VS = ±5 V, TA = 25°C, RL = 150 Ω.
Figure 38 and Figure 39 show the typical noninverting and inverting
configurations and recommended bypass capacitor values.
FB
AD8003
10µF
0.1µF
RG
RS
+VS
VO
VIN
RL
–
+
VO
+V
–VS
–V
10µF
0.1µF
RF
Figure 38. Noninverting Gain
FB
AD8003
10µF
0.1µF
RG
+VS
VO
VIN
RL
–
+
VO
+V
–VS
–V
10µF
0.1µF
RF
Figure 39. Inverting Gain
RGB VIDEO DRIVER
Figure 40 shows a typical RGB driver application using bipolar
supplies. The gain of the amplifier is set at +2, where RF = RG =
464 Ω. The amplifier inputs are terminated with shunt 75 Ω
resistors, and the outputs have series 75 Ω resistors for proper
video matching. In Figure 40, the POWER DOWN pins are not
shown connected to any signal source for simplicity. If the power-
down function is not used, it is recommended that the POWER
DOWN pins be tied to the positive supply and not be left floating
(not connected).
In applications that require a fixed gain of +2, as previously
mentioned, the designer may consider the ADA4862-3.
The ADA4862-3 is another high performance triple current
feedback amplifier. The ADA4862-3 has integrated feedback
and gain set resistors that reduce board area and simplify designs.
+VS
10µF
0.1µF
–VS
10µF
0.1µF
+VS
10µF
0.1µF
–VS
10µF
0.1µF
75
Ω
75
Ω
GIN
21
22
19
24
RF
464
Ω
75
Ω
RG
464
Ω
75
Ω
RIN
PD1
3
2
4
PD2
PD3
1
+VS
10µF
0.1µF
75
Ω
75
Ω
BIN
GOUT
ROUT
BOUT
16
17
15
18
13
5
23
14
–VS
10µF
0.1µF
6
RF
464
Ω
RG
464
Ω
20
RF
464
Ω
RG
464
Ω
AD8003
Figure 40. RGB Video Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com