Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8003ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8003ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD8003
Data Sheet
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
G = –2
G = –1
VS = ±5V
RF = 464Ω
RL = 150Ω
VOUT = 200mV p-p
Figure 4. Small Signal Frequency Response for Various Gains
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
G = +2
RL = 150Ω
VOUT = 200mV p-p
VS = ±5V
VS = +5V
Figure 5. Small Signal Frequency Response for Various Supplies
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
G = +2
VS = ±5V
RL = 150Ω
VOUT = 200mV p-p
RF = 432Ω
RF = 357Ω
RF = 464Ω
RF = 392Ω
Figure 6. Small Signal Feedback Resistor (RF) Optimization
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
VS = ±5V
G = +1, RF = 432Ω
G = +2, +10, RF = 464Ω
RL = 150Ω
VOUT = 200mV p-p
G = +1
G = +2
G = +10
Figure 7. Small Signal Frequency Response for Various Gains
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
G = +2
VS = ±5V
RL = 150Ω
VOUT = 200mV p-p
T = +25°C
T = –40°C
T = +105°C
Figure 8. Small Signal Frequency Response for Various Temperatures
1
100
1000
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
FREQUENCY (MHz)
10
G = +2
VS = ±5V
RL = 150Ω
VOUT = 2V p-p
RF = 432Ω
RF = 357Ω
RF = 464Ω
RF = 392Ω
Figure 9. Large Signal Feedback Resistor (RF) Optimization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com