Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8003ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8003ACPZ-R2
Description  Triple, 1.5 GHz Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8003ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8003ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8003ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Data Sheet
AD8003
Rev. C | Page 11 of 16
10
100
1k
10k
100k
1M
10M
1
10
100
1000
FREQUENCY (Hz)
VS = ±5V
RF = 1kΩ
Figure 34. Input Voltage Noise vs. Frequency
G = +2
RL = 150Ω
DRIVING: CH1 AND CH3
RECEIVING: CH2
–100
–50
–60
–70
–80
–90
–40
–30
–20
–10
0
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
VS = +5V
Figure 35. Worst-Case Crosstalk
10
100
1k
10k
100k
1M
10M
1
100
1000
10000
FREQUENCY (Hz)
10
VS = ±5V
I–
I+
Figure 36. Input Current Noise vs. Frequency
1k
10k
100k
1M
10M
100M
1G
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
20
40
60
80
120
140
160
180
200
100
Figure 37. Transimpedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com