Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 25 Page - Integrated Device Technology

Part # ZSC31015EEG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EEG1-R Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button ZSC31015EEG1-R Datasheet HTML 21Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 22Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 23Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 24Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 25Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 26Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 27Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 28Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
© 2016 Integrated Device Technology, Inc
25
November 14, 2016
ZSC31015 Datasheet
Bit Window
104.2µsec @ 9.6 kHz baud
40 µsec @ 26kHz baud
Start Bit
Logic 1
Logic 0
3.2.
ZACwire™ Communication Interface
3.2.1.
Properties and Parameters
Table 3.1
Pin Configuration and Latch-Up Conditions
No.
Parameter
Symbol
Min
Typ
Max
Unit
Comments
1
Pull-up resistor (on-chip)
RZAC,pu
30
k
Ω
On-chip pull-up resistor switched on
during Digital Output Mode and during
CM Mode (first 3 ms after power up).
2
Pull-up resistor (external)
RZAC,pu_ext
150
Ω
If the master communicates via a push-
pull stage, no pull-up resistor is needed;
otherwise, a pull-up resistor with a value
of at least 150
Ω must be connected.
3
ZACwire™ rise time
tZAC,rise
5
µs
Any user RC network included in the
Sig™ path must meet this rise time.
4
ZACwire™ line resistance
1)
RZACload
3.9
k
Ω
Also see section 1.3.8.
5
ZACwire™ load capacitance
1)
CZAC,load
0
1
15
nF
Also see section 1.3.8.
6
Voltage low level
VZAC,low
0
0.2
VDD
Rail-to-rail CMOS driver.
7
Voltage high level
VZAC,high
0.8
1
VDD
Rail-to-rail CMOS driver.
1)
The rise time must be tZAC,rise = 2  RZACload  CZACload  5 s . If using a pull-up resistor instead of a line resistor, it must meet this
specification. The absolute maximum for CZACload is 15nF.
3.2.2. Bit Encoding
Figure 3.2
Manchester Duty Cycle
Start bit = 50% duty cycle used to set up strobe time
Logic 1 = 75% duty cycle
Logic 0 = 25% duty cycle
Stop Time
The ZACWire™ bus will be held high for 32μs (nominal)
between consecutive data packets regardless of baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com