Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 31 Page - Integrated Device Technology

Part # ZSC31015EEG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EEG1-R Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button ZSC31015EEG1-R Datasheet HTML 27Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 28Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 29Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 30Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 31Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 32Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 33Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 34Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
© 2016 Integrated Device Technology, Inc
31
November 14, 2016
ZSC31015 Datasheet
Command
Byte
Data
Description
80HEX
YYHEX
Program Gain_B upper 7-bits (Set the MSB to 0.)
90HEX
YYHEX
Program Gain_B lower 8-bits
A0HEX
YYHEX
Program Offset_B upper 6-bits (Set the two MSBs to 0.)
B0HEX
YYHEX
Program Offset_B lower 8-bits
C0HEX
YYHEX
Program Gain_T
D0HEX
YYHEX
Program Offset_T
E0HEX
YYHEX
Program Tco
F0HEX
YYHEX
Program Tcg
08HEX
YYHEX
Program Upper Clipping Limit (Set the MSB to 0.)
18HEX
YYHEX
Program Lower Clipping Limit (Set the MSB to 0.)
28HEX
YYHEX
Program Cust_ID0
38HEX
YYHEX
Program Cust_ID1
48HEX
YYHEX
Program Cust_ID2
3.4.
Calibration Sequence
Although the ZSC31015 can work with many different types of resistive bridges, assume a pressure bridge is
being used for the following discussion on calibration.
Calibration essentially involves collecting raw bridge and temperature data from the ZSC31015 for different known
pressures and temperatures. This raw data can then be processed by the calibration master (typically a PC) to
compute the coefficients, and the calculated coefficients can then be written to the ZSC31015.
IDT can provide software and hardware with samples to perform the calibration.
There are three main steps to calibration:
1.
Assigning a unique identification to the ZSC31015. This identification is programmed in EEPROM and
can be used as an index into the database stored on the calibration PC. This database will contain all the
raw values of bridge readings and temperature readings for that part, as well as the known pressure (for
this application) and temperature the bridge was exposed to. This unique identification can be stored in a
concatenation of the following EEPROM registers: Cust_ID0, Cust_ID1, Cust_ID2. These registers can
also form a permanent serial number.
2.
Data collection. Data collection involves getting raw data from the bridge at different known pressures and
temperatures. This data is then stored on the calibration PC using the unique identification of the
ZSC31015 as the index to the database.
3.
Coefficient calculation and write. Once enough data points have been collected to calculate all the
desired coefficients then the coefficients can be calculated by the calibrating PC and written to the
ZSC31015.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com