Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 34 Page - Integrated Device Technology

Part # ZSC31015EEG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EEG1-R Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button ZSC31015EEG1-R Datasheet HTML 30Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 31Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 32Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 33Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 34Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 35Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 36Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 37Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 38Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
© 2016 Integrated Device Technology, Inc
34
November 14, 2016
ZSC31015 Datasheet
EEPROM
Range
Description
Default
Settings
As of ww08/2009
Notes
12:11
Output_Select
2HEX
00 => Digital (3 bytes with parity)
Bridge High {00,[5:0]}
Bridge Low [7:0]
Temp [7:0]
01 => 0-1V Analog
10 => Rail-to-Rail Ratiometric
11 => Digital (2 bytes with parity) (No Temp)
Bridge High {00,[5:0]}
Bridge Low [7:0]
14:13
Update_Rate
2HEX
00 => 1 msec (1kHz)
01 => 5 msec (200Hz)
10 => 25 msec (40Hz)
11 => 125 msec (8 Hz)
16:15
JFET_cfg
3HEX
00 => No JFET regulation (lower power)
01 => No JFET regulation (lower power)
10 => JFET regulation centered around 5.0V
11 => JFET regulation centered around 5.5V (i.e., over-voltage
protection)
31:17
Gain_B
198HEX
Bridge Gain (also see bits 10:7):
Gain_B[14] => multiply x 8
Gain_B[13:0] => 14-bit unsigned number representing a
number in the range [0,8)
45:32
Offset_B
0HEX
Unsigned 14-bit offset for bridge correction
53:46
Gain_T
80HEX
Temperature gain coefficient used to correct PTAT
or ExtTemp reading
61:54
Offset_T
0HEX
Temperature offset coefficient used to correct PTAT
or ExtTemp reading
68:62
TSETL
0HEX
Stores Raw PTAT or ExtTemp reading at temperature in which
low calibration points were taken
76:69
Tcg
0HEX
Coefficient for temperature correction of bridge gain term:
Tcg = 8-bit magnitude of Tcg term. Sign is determined by Tc_cfg
(bits 87:85).
84:77
Tco
0HEX
Coefficient for temperature correction of bridge offset term.
Tco = 8-bit magnitude of Tco term. Sign and scaling are
determined by Tc_cfg (bits 87:85)
87:85
Tc_cfg
0HEX
This 3-bit term determines options for temperature compensation
of the bridge.
Tc_cfg[2] => If set, Tcg is negative
Tc_cfg[1] => Scale magnitude of Tco term by 8, and if SOT
applies to Tco, scale SOT by 8
Tc_cfg[0] => If set, Tco is negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com