Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 28 Page - Integrated Device Technology

Part # ZSC31015EEG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EEG1-R Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button ZSC31015EEG1-R Datasheet HTML 24Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 25Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 26Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 27Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 28Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 29Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 30Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 31Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
© 2016 Integrated Device Technology, Inc
28
November 14, 2016
ZSC31015 Datasheet
20 DATA Byte Packet
(Read EEPROM)
P
7 6 5 4 3 2 1 0
P
S
3
Stop S
P
S 7 6 5 4 3 2 1 0
7 6 5 4
5 4 3 2 1 0
...
EEPROM
Byte 19
EEPROM
Byte 18
EEPROM
Byte 2
EEPROM
Byte 1
Stop
S
P
1 0 1 0 0 1 0 1
Data Byte A5H
Stop
Figure 3.7
Read EEPROM Contents
There is a variable idle time between packets. This idle time varies with the update rate setting in EEPROM.
Figure 3.8
Transmission of a Number of Data Packets
The table below shows the idle time between packets versus the update rate. This idle time can vary by nominal
+/-15% between parts and over a temperature range of -50 to 150ºC.
Table 3.2
Special Measurement/Idle Time between Packets versus Update Rate
Update Rate Setting
Idle Time between Packets
Special Measurement
00
1ms
Every 128 bridge measurements
01
4.85ms
Every 64 bridge measurements
10
22.5ms
Every 16 bridge measurements
11
118ms
Every 8 bridge measurements
Transmissions from the IC occur at one of two speeds depending on the update rate programmed in EEPROM. If
the user chooses one of the two fastest update rates (1 ms or 5 ms) then the baud rate of the digital transmission
will be 32 kHz (minimum 26kHz). If, however, the user chooses one of the two slower update rates (25 ms or
125 ms), then the baud rate of the digital transmission will be 8 kHz (maximum 9.6kHz).
The total transmission time for both digital output configurations is shown in Table 3.3.
S
P
PStop S
P
S
P
S
IDLE
Time
0 0 5 4 3 2 1 0
7 6 5 4 3 2 1 0
0 0 5 4 3 2 1 0
7 6 5 4 3 2 1 0
0 0 5 4
IDLE
Time
IDLE
Time
1 0
P
S
2
Packet Transmission
(This example shows 2 DATA packets)
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com