Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EEG1-R Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ZSC31015EEG1-R
Description  Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31015EEG1-R Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ZSC31015EEG1-R Datasheet HTML 25Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 26Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 27Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 28Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 29Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 30Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 31Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 32Page - Integrated Device Technology ZSC31015EEG1-R Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
© 2016 Integrated Device Technology, Inc
29
November 14, 2016
ZSC31015 Datasheet
Table 3.3
Total Transmission Time for Different Update Rate Settings and Output Configuration
Update Rate
Baud Rate*
Idle Time
Transmission Time
–
Bridge Only Readings
Transmission Time
–
Bridge & Temperature Readings
1 ms (1 kHz)
32 kHz
1.0 ms
20.5 bits
31.30 µs
1.64 ms
31.0 bits
31.30 µs
1.97 ms
5 ms (200 Hz)
32 kHz
4.85 ms
20.5 bits
31.30 µs
5.49 ms
31.0 bits
31.30 µs
5.82 ms
25 ms (40 Hz)
8 kHz
22.5 ms
20.5 bits
125.00 µs
25.06 ms
31.0 bits
125.00 µs
26.38 ms
125 ms (8 Hz)
8 kHz
118.0 ms
20.5 bits
125.00 µs
120.56 ms
31.0 bits
125.00 µs
121.88 ms
* Typical values. Minimum baud rate for 1 ms or 5 ms: 26kHz; maximum baud rate for 25 ms or 125 ms: 9.6kHz.
The temperature raw reading is performed less often than a bridge reading because the temperature changes
more slowly.
The 3
rd
column in Table 3.2 shows the timing for the special measurements (temperature and bridge
measurement) in the different update rate modes.
For lower update rates, the output is followed by a power-down as shown in Figure 3.9.
Figure 3.9
ZACwire™ Output Timing for Lower Update Rates
It is easy to program any standard microcontroller to communicate with the ZSC31015. IDT can provide sample
code for a MicroChip PIC microcontroller.
3.2.5.
High Level Protocol
The ZSC31015 will listen for a command/data pair to be transmitted for the 3 ms after the de-assertion of its
internal Power On Reset (POR). If a transmission is not received within this time frame, then it will transition to
Normal Operation Mode (NOM). In the NOM, it will output bridge data in 0-1V analog, rail-to-rail ratiometric
analog, or digital depending on how the part is currently configured.
If the ZSC31015 receives a Start_CM command within the first 3 ms after the de-assertion of POR, then it will go
into Command Mode (CM). In this mode, calibration/configuration commands will be executed. The ZSC31015
will acknowledge successful execution of commands by transmission of A5HEX. The calibrating /configuring master
will know a command was not successfully executed if no response is received after 130ms of issuing the
command. Once in command interpreting/executing mode, the ZSC31015 will stay in this mode until power is
removed or a Start NOM (Start Normal Operation Mode) command is received. The Start_CM command is used
as an interlock mechanism to prevent a spurious entry into Command Mode on power up. The first command
received within the 3ms window of POR must be a Start_CM command to enter into command interpreting mode.
Any other commands will be ignored.
ZACwireTM
Output
Calculation
160
s
Settling Time
64
s
Power-On
Settling
128
s
Power Down
(determined by
Update Rate)
ADC Conversion
768
s
Calculation
160
s
ZACwireTM
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com