Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8262
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8262 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM8262 Datasheet HTML 1Page - National Semiconductor (TI) LM8262 Datasheet HTML 2Page - National Semiconductor (TI) LM8262 Datasheet HTML 3Page - National Semiconductor (TI) LM8262 Datasheet HTML 4Page - National Semiconductor (TI) LM8262 Datasheet HTML 5Page - National Semiconductor (TI) LM8262 Datasheet HTML 6Page - National Semiconductor (TI) LM8262 Datasheet HTML 7Page - National Semiconductor (TI) LM8262 Datasheet HTML 8Page - National Semiconductor (TI) LM8262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2.7V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VO =V
+/2, and
R
L > 1M
Ω to V−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
S
Supply Current (both amps)
No load, V
CM = 0.5V
–
2.0
2.5
3.0
mA
SR
Slew Rate (Note 8)
A
V = +1,VI =2VPP
–
9
–
V/µs
f
u
Unity Gain-Frequency
V
I = 10mV, RL =2k
Ω to V+/2
–
10
–
MHz
GBWP
Gain Bandwidth Product
f = 50KHz
15.5
14
21
–
MHz
Phi
m
Phase Margin
V
I = 10mV
–
50
–
Deg
e
n
Input-Referred Voltage Noise
f = 2KHz, R
S =50
Ω
–
15
–
nV/
i
n
Input-Referred Current Noise
f = 2KHz
–
1
–
pA/
f
max
Full Power Bandwidth
Z
L = (20pF || 10k
Ω)toV+/2
–
1
–
MHz
5V Electrical Characteristics
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 1V, VO =V
+/2, and
R
L > 1M
Ω to V−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 1V&VCM = 4.5V
–
+/−0.7
+/−5
+/− 7
mV
TC V
OS
Input Offset Average Drift
V
CM = 1V&VCM = 4.5V
(Note 12)
–
+/−2
–
µV/˚C
I
B
Input Bias Current
V
CM =1V
(Note 7)
–
−1.18
−2.00
−2.70
µA
V
CM = 4.5V
(Note 7)
–
+0.49
+1.00
+1.60
I
OS
Input Offset Current
V
CM = 1V&VCM = 4.5V
–
20
250
400
nA
CMRR
Common Mode Rejection
Ratio
V
CM stepped from 0V to 3.3V
84
72
110
–
dB
V
CM stepped from 4V to 5V
–
100
–
V
CM stepped from 0V to 5V
64
61
80
–
+PSRR
Positive Power Supply
Rejection Ratio
V
+ = 2.7V to 5V, V
CM = 0.5V
78
74
104
–
dB
CMVR
Input Common-Mode Voltage
Range
CMRR > 50dB
–
−0.3
−0.1
0.0
V
5.1
5.0
5.3
–
V
A
VOL
Large Signal Voltage Gain
V
O = 0.5 to 4.5V,
R
L = 10k to V
−
74
70
84
–
dB
V
O = 0.5 to 4.5V,
R
L = 2ktoV
−
70
66
80
–
V
O
Output Swing
High
R
L = 10k to V
−
4.75
4.72
4.87
–
V
R
L = 2ktoV
−
4.70
4.66
4.81
–
Output Swing
Low
R
L = 10k to V
−
–
86
125
135
mV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com