Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8262
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8262 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM8262 Datasheet HTML 1Page - National Semiconductor (TI) LM8262 Datasheet HTML 2Page - National Semiconductor (TI) LM8262 Datasheet HTML 3Page - National Semiconductor (TI) LM8262 Datasheet HTML 4Page - National Semiconductor (TI) LM8262 Datasheet HTML 5Page - National Semiconductor (TI) LM8262 Datasheet HTML 6Page - National Semiconductor (TI) LM8262 Datasheet HTML 7Page - National Semiconductor (TI) LM8262 Datasheet HTML 8Page - National Semiconductor (TI) LM8262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 1V, VO =V
+/2, and
R
L > 1M
Ω to V−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
SC
Output Short Circuit Current
Sourcing to V
−
V
ID = 200mV (Note 10)
35
20
53
–
mA
Sinking to V
+
V
ID = −200mV (Note 10)
60
50
75
–
I
S
Supply Current (both amps)
No load, V
CM = 1V
–
2.3
2.8
3.5
mA
SR
Slew Rate (Note 8)
A
V = +1, VI =5VPP
10
7
12
–
V/µs
f
u
Unity Gain Frequency
V
I = 10mV,
R
L =2k
Ω to V+/2
–
10.5
–
MHz
GBWP
Gain-Bandwidth Product
f = 50KHz
16
15
21
–
MHz
Phi
m
Phase Margin
V
I = 10mV
–
53
–
Deg
e
n
Input-Referred Voltage Noise
f = 2KHz, R
S =50
Ω
–
15
–
nV/
i
n
Input-Referred Current Noise
f = 2KHz
–
1
–
pA/
f
max
Full Power Bandwidth
Z
L = (20pF || 10k
Ω)toV+/2
–
900
–
KHz
t
S
Settling Time (+/−5%)
100mV
PP Step, 500pF load
–
400
–
ns
THD+N
Total Harmonic Distortion +
Noise
R
L =1k
Ω to V+/2
f = 10KHz to A
V= +2, 4VPP swing
–
0.05
–
%
+/−11V Electrical Characteristics
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 11V, V− = −11V, V
CM = 0V, VO = 0V, and
R
L > 1M
Ω to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = −10.5V & VCM = 10.5V
–
+/−0.7
+/−7
+/− 9
mV
TC V
OS
Input Offset Average Drift
V
CM = −10.5V & VCM = 10.5V
(Note 12)
–
+/−2
–
µV/˚C
I
B
Input Bias Current
V
CM = −10.5V
(Note 7)
–
−1.05
−2.00
−2.80
µA
V
CM = 10.5V
(Note 7)
–
+0.49
+1.00
+1.50
I
OS
Input Offset Current
V
CM = −10.5V & VCM = 10.5V
–
30
275
550
nA
CMRR
Common Mode Rejection
Ratio
V
CM stepped from −11V to 9V
84
80
100
–
dB
V
CM stepped from 10V to 11V
–
100
–
V
CM stepped from −11V to 11V
74
72
88
–
+PSRR
Positive Power Supply
Rejection Ratio
V
+ = 9V to 11V
70
66
100
–
dB
−PSRR
Negative Power Supply
Rejection Ratio
V
− = −9V to −11V
70
66
100
–
dB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com