Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8262
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8262 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8262 Datasheet HTML 1Page - National Semiconductor (TI) LM8262 Datasheet HTML 2Page - National Semiconductor (TI) LM8262 Datasheet HTML 3Page - National Semiconductor (TI) LM8262 Datasheet HTML 4Page - National Semiconductor (TI) LM8262 Datasheet HTML 5Page - National Semiconductor (TI) LM8262 Datasheet HTML 6Page - National Semiconductor (TI) LM8262 Datasheet HTML 7Page - National Semiconductor (TI) LM8262 Datasheet HTML 8Page - National Semiconductor (TI) LM8262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM8262 Dual
RRIO, High Output Current & Unlimited Cap Load Op
Amp in MSOP
General Description
The LM8262 is a Rail-to-Rail input and output Op Amp which
can operate with a wide supply voltage range. This device
has high output current drive, greater than Rail-to-Rail input
common mode voltage range, unlimited capacitive load drive
capability, and provides tested and guaranteed high speed
and slew rate. It is specifically designed to handle the re-
quirements of flat panel TFT panel V
COM driver applications
as well as being suitable for other low power, and medium
speed applications which require ease of use and enhanced
performance over existing devices.
Greater than Rail-to-Rail input common mode voltage range
with 50dB of Common Mode Rejection, allows high side and
low side sensing, among many applications, without having
any concerns over exceeding the range and no compromise
in accuracy. In addition, most device parameters are insen-
sitive to power supply variations; this design enhancement is
yet another step in simplifying its usage. The output stage
has low distortion (0.05% THD+N) and can supply a respect-
able amount of current (15mA) with minimal headroom from
either rail (300mV).
The LM8262 is offered in the space saving MSOP package.
Features
(V
S =5V, TA = 25˚C, Typical values unless specified).
n
GBWP
21MHz
n
Wide supply voltage range
2.5V to 22V
n
Slew rate
12V/µs
n
Supply current/channel
1.15 mA
n
Cap load limit
Unlimited
n
Output short circuit current
+53mA/−75mA
n
+/−5% Settling time
400ns (500pF, 100mV
PP step)
n
Input common mode voltage
0.3V beyond rails
n
Input voltage noise
15nV/
n
Input current noise
1pA/
n
THD+N
< 0.05%
Applications
n
TFT-LCD flat panel V
COM driver
n
A/D converter buffer
n
High side/low side sensing
n
Headphone amplifier
Output Response with Heavy Capacitive Load
20021037
Connection Diagram
8-Pin MSOP
20021001
Top View
Ordering Information
Package
Part Number
Package
Marking
Media Transport
NSC Drawing
8-Pin MSOP
LM8262MM
A46
1k Units Tape and Reel
MUA08A
LM8262MMX
3.5k Units Tape and Reel
June 2002
© 2002 National Semiconductor Corporation
DS200210
www.national.com


Similar Part No. - LM8262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8262 TI2-LM8262 Datasheet
543Kb / 19P
LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
REVISED AUGUST 2015
LM8262MM TI1-LM8262MM Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8262MM/NOPB TI1-LM8262MM/NOPB Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8262MM/NOPB TI2-LM8262MM/NOPB Datasheet
543Kb / 19P
LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
REVISED AUGUST 2015
More results

Similar Description - LM8262

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
High Output Current and Unlimited Capacitive Load Operational Amplifier
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com