Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8262
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8262 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM8262 Datasheet HTML 1Page - National Semiconductor (TI) LM8262 Datasheet HTML 2Page - National Semiconductor (TI) LM8262 Datasheet HTML 3Page - National Semiconductor (TI) LM8262 Datasheet HTML 4Page - National Semiconductor (TI) LM8262 Datasheet HTML 5Page - National Semiconductor (TI) LM8262 Datasheet HTML 6Page - National Semiconductor (TI) LM8262 Datasheet HTML 7Page - National Semiconductor (TI) LM8262 Datasheet HTML 8Page - National Semiconductor (TI) LM8262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
2KV (Note 2)
200V(Note 9)
V
IN Differential
+/−10V
Output Short Circuit Duration
(Notes 3, 11)
Supply Voltage (V
+ -V−)
24V
Voltage at Input/Output pins
V
+ +0.8V, V− −0.8V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information:
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Operating Ratings
Supply Voltage (V
+ -V−)
2.5V to 22V
Junction Temperature Range(Note 4)
−40˚C to +85˚C
Package Thermal Resistance,
θ
JA,(Note 4)
8-Pin MSOP
235˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VO =V
+/2, and
R
L > 1M
Ω to V−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 0.5V & VCM = 2.2V
–
+/−0.7
+/−5
+/−7
mV
TC V
OS
Input Offset Average Drift
V
CM = 0.5V & VCM = 2.2V
(Note 12)
–
+/−2
–
µV/C
I
B
Input Bias Current
V
CM = 0.5V
(Note 7)
–
−1.20
−2.00
−2.70
µA
V
CM = 2.2V
(Note 7)
–
+0.49
+1.00
+1.60
I
OS
Input Offset Current
V
CM = 0.5V & VCM = 2.2V
–
20
250
400
nA
CMRR
Common Mode Rejection
Ratio
V
CM stepped from 0V to 1.0V
76
60
100
–
dB
V
CM stepped from 1.7V to 2.7V
–
100
–
V
CM stepped from 0V to 2.7V
58
50
70
–
+PSRR
Positive Power Supply
Rejection Ratio
V
+ = 2.7V to 5V
78
74
104
–
dB
CMVR
Input Common-Mode Voltage
Range
CMRR > 50dB
–
−0.3
−0.1
0.0
V
2.8
2.7
3.0
–
V
A
VOL
Large Signal Voltage Gain
V
O = 0.5 to 2.2V,
R
L = 10k to V
−
70
67
78
–
dB
V
O = 0.5 to 2.2V,
R
L = 2ktoV
−
67
63
73
–
dB
V
O
Output Swing
High
R
L = 10k to V
−
2.49
2.46
2.59
–
V
R
L = 2ktoV
−
2.45
2.41
2.53
–
Output Swing
Low
R
L = 10k to V
−
–
90
100
120
mV
I
SC
Output Short Circuit Current
Sourcing to V
−
V
ID = 200mV (Note 10)
30
20
48
–
mA
Sinking to V
+
V
ID = −200mV (Note 10)
50
30
65
–
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com