Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8262
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8262 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM8262 Datasheet HTML 1Page - National Semiconductor (TI) LM8262 Datasheet HTML 2Page - National Semiconductor (TI) LM8262 Datasheet HTML 3Page - National Semiconductor (TI) LM8262 Datasheet HTML 4Page - National Semiconductor (TI) LM8262 Datasheet HTML 5Page - National Semiconductor (TI) LM8262 Datasheet HTML 6Page - National Semiconductor (TI) LM8262 Datasheet HTML 7Page - National Semiconductor (TI) LM8262 Datasheet HTML 8Page - National Semiconductor (TI) LM8262 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
+/−11V Electrical Characteristics (Continued)
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 11V, V− = −11V, V
CM = 0V, VO = 0V, and
R
L > 1M
Ω to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
CMVR
Input Common-Mode Voltage
Range
CMRR > 50dB
–
−11.3
−11.1
−11.0
V
11.1
11.0
11.3
–
V
A
VOL
Large Signal Voltage Gain
V
O = 0V to +/−9V,
R
L = 10k
Ω
78
74
85
–
dB
V
O = 0V to +/−9V,
R
L =2k
Ω
72
66
79
–
V
O
Output Swing
High
R
L = 10k
Ω
10.65
10.61
10.77
–
V
R
L =2k
Ω
10.6
10.55
10.69
–
Output Swing
Low
R
L = 10k
Ω
–
−10.98
−10.75
−10.65
V
R
L =2k
Ω
–
−10.91
−10.65
−10.6
I
SC
Output Short Circuit Current
Sourcing to ground
V
ID = 200mV (Note 10)
40
25
60
–
mA
Sinking to ground
V
ID = 200mV (Note 10)
65
55
100
–
I
S
Supply Current
No load, V
CM = 0V
–
2.5
4
5
mA
SR
Slew Rate
(Note 8)
A
V = +1, VI = 16VPP
10
8
15
–
V/µs
f
U
Unity Gain Frequency
V
I = 10mV, RL =2k
Ω
–
13
–
MHz
GBWP
Gain-Bandwidth Product
f = 50KHz
18
16
24
–
MHz
Phi
m
Phase Margin
V
I = 10mV
–
58
–
Deg
e
n
Input-Referred Voltage Noise
f = 2KHz, R
S =50
Ω
–
15
–
nV/
i
n
Input-Referred Current Noise
f = 2KHz
–
1
–
pA/
t
S
Settling Time (+/−1%, A
V =
+1)
Positive Step, 5V
PP
–
320
–
ns
Negative Step, 5V
PP
–
600
–
THD+N
Total Harmonic Distortion
+Noise
R
L =1k
Ω, f = 10KHz,
A
V = +2, 15VPP swing
–
0.01
–
%
CT
REJ
Cross-Talk Rejection
f = 5MHz, Driver
R
L = 10k
Ω
–68
–
dB
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com