Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3.241 Datasheet(PDF) 14 Page - PULS GmbH

Part # CS3.241
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS3.241 Datasheet(HTML) 14 Page - PULS GmbH

Back Button CS3.241 Datasheet HTML 10Page - PULS GmbH CS3.241 Datasheet HTML 11Page - PULS GmbH CS3.241 Datasheet HTML 12Page - PULS GmbH CS3.241 Datasheet HTML 13Page - PULS GmbH CS3.241 Datasheet HTML 14Page - PULS GmbH CS3.241 Datasheet HTML 15Page - PULS GmbH CS3.241 Datasheet HTML 16Page - PULS GmbH CS3.241 Datasheet HTML 17Page - PULS GmbH CS3.241 Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CS3.241
C-Line
24V, 3.3A, SINGLE PHASE INPUT
14. ENVIRONMENT
Operational temperature*)
-25°C to +70°C (-13°F to 158°F)
reduce output power according Fig. 14-1
Storage temperature
-40°C to +85°C (-40°F to 185°F)
for storage and transportation
Output de-rating
1.8W/°C
60°C to 70°C (140°F to 158°F)
Humidity**)
5 to 95% r.h.
IEC 60068-2-30
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g***)
2 hours / axis***)
IEC 60068-2-6
Shock
30g 6ms, 20g 11ms***)
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 2000m (0 to 6 560ft)
without any restrictions
2000 to 6000m (6 560 to 20 000ft)
reduce output power or ambient temperature,
see Fig. 14-2
IEC 62103, EN 50178, overvoltage category II
Altitude de-rating
5W/1000m or 5°C/1000m
> 2000m (6500ft), see Fig. 14-2
Over-voltage category
III
IEC 62103, EN 50178, altitudes up to 2000m
II
altitudes from 2000m to 6000m
Degree of pollution
2
IEC 62103, EN 50178, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
*)
Operational temperature is the same as the ambient or surrounding temperature and is defined as the air temperature 2cm below the
unit.
**) Do not energize while condensation is present
***) Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard orientation.
Fig. 14-1 Output current vs. ambient temp.
Fig. 14-2 Output current vs. altitude
0
-25
0
20
40
70°C
1
2
3
4A
60
Ambient Temperature
Allowable Output
Current at 24V
0
0
2000
4000
6000m
1
2
3
4A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
C
A
B
Allowable Output
Current at 24V
Jul. 2015 / Rev. 2.0 DS-CS3.241-EN
All parameters are specified at 24V, 3.3A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com