Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # CS3.241
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS3.241 Datasheet(HTML) 5 Page - PULS GmbH

  CS3.241 Datasheet HTML 1Page - PULS GmbH CS3.241 Datasheet HTML 2Page - PULS GmbH CS3.241 Datasheet HTML 3Page - PULS GmbH CS3.241 Datasheet HTML 4Page - PULS GmbH CS3.241 Datasheet HTML 5Page - PULS GmbH CS3.241 Datasheet HTML 6Page - PULS GmbH CS3.241 Datasheet HTML 7Page - PULS GmbH CS3.241 Datasheet HTML 8Page - PULS GmbH CS3.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS3.241
C-Line
24V, 3.3A, SINGLE PHASE INPUT
4. DC-INPUT
The power supply can be supplied with an AC or DC input voltage.
Instructions for DC-use:
a) Use a battery or a similar DC source. A supply from the intermediate DC-bus of a frequency converter is not
recommended and can cause a malfunction or damage the unit.
b) Connect +pole to L and –pole to N.
c) Connect the PE terminal to an earth wire or to the machine ground.
DC input
nom.
DC 110-300V
-20% / +25%
DC input range
min.
88-375Vdc
continuous operation, observe reduced output
current below 100Vdc, see Fig. 4-2.
DC input current
typ.
0.81A / 0.29A
at 110Vdc / 300Vdc
Allowed Voltage L/N to Earth
max.
375Vdc
continuous, IEC 62103
Turn-on voltage
typ.
103Vdc
steady state value
Shut-down voltage
typ.
50Vdc
steady state value
Fig. 4-1 Wiring for DC Input
Fig. 4-2 Output current vs. input voltage
+
-
Load
L
PE
+
-
Power Supply
AC
DC
Battery
N
0
1.5
1.0
2.0
0.5
3.5A
88
110
375Vdc
DC Input Voltage
2.5
3.0
Output Current
Jul. 2015 / Rev. 2.0 DS-CS3.241-EN
All parameters are specified at 24V, 3.3A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com