Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # CS3.241
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS3.241 Datasheet(HTML) 1 Page - PULS GmbH

  CS3.241 Datasheet HTML 1Page - PULS GmbH CS3.241 Datasheet HTML 2Page - PULS GmbH CS3.241 Datasheet HTML 3Page - PULS GmbH CS3.241 Datasheet HTML 4Page - PULS GmbH CS3.241 Datasheet HTML 5Page - PULS GmbH CS3.241 Datasheet HTML 6Page - PULS GmbH CS3.241 Datasheet HTML 7Page - PULS GmbH CS3.241 Datasheet HTML 8Page - PULS GmbH CS3.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CS3.241
C-Line
24V, 3.3A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-240V Wide-range Input
Width only 32mm
NEC Class 2 Compliant
Efficiency up to 89.8%
Full Power Between -25°C and +60°C
3 Year Warranty
1/24
GENERAL DESCRIPTION
The DIMENSION C-Line units are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Line is part of the DIMENSION
power supply family, existing alongside the high
featured Q-Line.
The CS3.241 includes all the essential basic functions but
also includes important features of small size, high
efficiency, wide temperature range and is NEC Class 2
compliant.
The wide range input makes worldwide installation and
usage very simple. Defects or system failures caused by
wrongly set switches cannot occur.
High immunity to transients and power surges as well as
low electromagnetic emission and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
3.3A
at 24V
2.7A
at 28V
Output power
80W
Output ripple
max. 50mVpp
20Hz to 20MHz
AC Input voltage
AC 100-240V
±10%
Wide-range input
Mains frequency
50-60Hz
±6%
AC Input current
1.23 / 0.68A
at 120 / 230Vac
DC Input voltage
DC 110-300V
-20 / +25%
DC Input current
0.81 / 0.29A
at 110 / 300Vdc
Power factor
0.61 / 0.56
at 120 / 230Vac
AC Inrush current
23 / 45A peak
at 120 / 230Vac
Efficiency
88.0 / 89.8%
at 120 / 230Vac
Losses
11.1 / 9.1W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating *)
1.8W/°C
+60 to +70°C
Hold-up time
29 / 120ms
at 120 / 230Vac
Dimensions
32x124x102mm WxHxD
Weight
430g / 0.95lb
ORDER NUMBERS
Power Supply
CS3.241
24-28V Standard unit
Accessory
ZM1.WALL
Wall mount bracket
ZM11.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
NEC CLASS 2
Marine
EMC, LVD
Jul. 2015 / Rev. 2.0 DS-CS3.241-EN
All parameters are specified at 24V, 3.3A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CS3.241

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS3 COOPER-CS3 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Ohmite Mfg. Co.
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
Wire Element Four Terminal Precision Current Sense
logo
List of Unclassifed Man...
CS3-02DO2 ETC1-CS3-02DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-04DO2 ETC1-CS3-04DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
CS3-06DO2 ETC1-CS3-06DO2 Datasheet
244Kb / 2P
Netzthyristoren Phase control thyristors
More results

Similar Description - CS3.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.241 PULS-CP10.241 Datasheet
772Kb / 27P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com