Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # CS3.241
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS3.241 Datasheet(HTML) 4 Page - PULS GmbH

  CS3.241 Datasheet HTML 1Page - PULS GmbH CS3.241 Datasheet HTML 2Page - PULS GmbH CS3.241 Datasheet HTML 3Page - PULS GmbH CS3.241 Datasheet HTML 4Page - PULS GmbH CS3.241 Datasheet HTML 5Page - PULS GmbH CS3.241 Datasheet HTML 6Page - PULS GmbH CS3.241 Datasheet HTML 7Page - PULS GmbH CS3.241 Datasheet HTML 8Page - PULS GmbH CS3.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CS3.241
C-Line
24V, 3.3A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
±10%, Wide-range input
Mains network systems
TN, TT or IT
AC input range
min.
90-264Vac
85-90Vac
264-300Vac
continuous operation
short-tem or with reduced output current
max. 500ms
Allowed voltage L or N to earth
max.
300Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
75Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
58Vac
steady-state value, see Fig. 3-1
External input protection
See recommendations in chapter 22.3.
AC 100V
AC 120V
AC 230V
Input current
typ.
1.48A
1.23A
0.68A
at 24V, 3.3A, see Fig. 3-3
Power factor*)
typ.
0.62
0.61
0.56
at 24V, 3.3A, see Fig. 3-4
Crest factor**)
typ.
3.1
3.2
4.0
at 24V, 3.3A
Start-up delay
typ.
95ms
95ms
95ms
see Fig. 3-2
Rise time
typ.
18ms
29ms
56ms
at 24V, 3.3A const. current load,
0mF load capacitance, see Fig. 3-2
typ.
35ms
52ms
92ms
at 24V, 3.3A const. current load,
3.3mF load capacitance
Turn-on overshoot
max.
400mV
400mV
400mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage ranges
Fig. 3-2 Turn-on behavior, definitions
(85)90
max.
500ms
V
IN
P
OUT
300Vac
264
Rated Input
Range
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
0.5
1.5
1.0
2.0
2.5
3.0 3.5A
0
0.3
0.6
0.9
1.2
1.5
1.8A
Output Current
Input Current, typ.
(a) 100Vac
(b) 120Vac
(c) 230Vac
(a)
(b)
(c)
Power Factor, typ.
0.5
1.0
1.5
2.0
3.5A
0.40
0.45
0.50
0.55
0.60
0.65
Output Current
2.5
3.0
(a) 100Vac
(b) 120Vac
(c) 230Vac
(a)
(b)
(c)
Jul. 2015 / Rev. 2.0 DS-CS3.241-EN
All parameters are specified at 24V, 3.3A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com