Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3.241 Datasheet(PDF) 24 Page - PULS GmbH

Part # CS3.241
Description  SINGLE PHASE INPUT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS3.241 Datasheet(HTML) 24 Page - PULS GmbH

Back Button CS3.241 Datasheet HTML 16Page - PULS GmbH CS3.241 Datasheet HTML 17Page - PULS GmbH CS3.241 Datasheet HTML 18Page - PULS GmbH CS3.241 Datasheet HTML 19Page - PULS GmbH CS3.241 Datasheet HTML 20Page - PULS GmbH CS3.241 Datasheet HTML 21Page - PULS GmbH CS3.241 Datasheet HTML 22Page - PULS GmbH CS3.241 Datasheet HTML 23Page - PULS GmbH CS3.241 Datasheet HTML 24Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
CS3.241
C-Line
24V, 3.3A, SINGLE PHASE INPUT
Jul. 2015 / Rev. 2.0 DS-CS3.241-EN
All parameters are specified at 24V, 3.3A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
22.11.MOUNTING ORIENTATIONS
Mounting orientations other than the input terminals on the bottom require a reduction in continuous output power
or a limitation in the maximum allowed ambient temperature. The amount of reduction influences the lifetime
expectancy of the power supply. Therefore, two different derating curves for continuous operation can be found
below:
Curve A1
Recommended output current.
Curve A2
Max allowed output current (results in approximately half the lifetime expectancy of A1).
Fig. 22-3
Mounting
Orientation A
(Standard
orientation)
Power
Supply
OUTPUT
INPUT
Output Current
0
10
20
30
40
60°C
1
2
3
4A
50
A1
Ambient Temperature
Fig. 22-4
Mounting
Orientation B
(Upside down)
Output Current
0
10
20
30
40
60°C
1
2
3
4A
50
A1
A2
Ambient Temperature
Fig. 22-5
Mounting
Orientation C
(Table-top
mounting)
Output Current
0
10
20
30
40
60°C
1
3
4A
50
2
A1
A2
Ambient Temperature
Fig. 22-6
Mounting
Orientation D
(Horizontal cw)
Output Current
0
10
20
30
40
60°C
1
3
4A
50
2
A1
A2
Ambient Temperature
Fig. 22-7
Mounting
Orientation E
(Horizontal ccw)
Output Current
0
10
20
30
40
60°C
2
3
4A
50
1
A1
A2
Ambient Temperature
24/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com