Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002 Datasheet(PDF) 4 Page - International Rectifier

Part # IP2002
Description  Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002 Datasheet(HTML) 4 Page - International Rectifier

  IP2002 Datasheet HTML 1Page - International Rectifier IP2002 Datasheet HTML 2Page - International Rectifier IP2002 Datasheet HTML 3Page - International Rectifier IP2002 Datasheet HTML 4Page - International Rectifier IP2002 Datasheet HTML 5Page - International Rectifier IP2002 Datasheet HTML 6Page - International Rectifier IP2002 Datasheet HTML 7Page - International Rectifier IP2002 Datasheet HTML 8Page - International Rectifier IP2002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.irf.com
4
iP2002
Fig. 1: Power Loss vs. Current
Fig. 2: Safe Operating Area (SOA) vs. T
PCB & TCASE
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
Output Current (A)
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
TBLK = 125°C
L = 0.30uH
Maximum
Typical
0
102030
4050
607080
90
100
110
120
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
102030
4050
607080
90
100
110
120
PCB Temperature (ºC)
Safe
Operating
Area
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
L = 0.30uH
Case Temperature (
ºC)
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com