Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002 Datasheet(PDF) 5 Page - International Rectifier

Part # IP2002
Description  Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002 Datasheet(HTML) 5 Page - International Rectifier

  IP2002 Datasheet HTML 1Page - International Rectifier IP2002 Datasheet HTML 2Page - International Rectifier IP2002 Datasheet HTML 3Page - International Rectifier IP2002 Datasheet HTML 4Page - International Rectifier IP2002 Datasheet HTML 5Page - International Rectifier IP2002 Datasheet HTML 6Page - International Rectifier IP2002 Datasheet HTML 7Page - International Rectifier IP2002 Datasheet HTML 8Page - International Rectifier IP2002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
iP2002
Fig. 7: I
DD vs. Frequency
Fig. 5: Normalized Power Loss vs. Frequency
Fig. 3: Normalized Power Loss vs. V
IN
Fig. 4: Normalized Power Loss vs. V
OUT
Typical Performance Curves
Fig. 6: Normalized Power Loss vs. Inductance
0.70
0.75
0.80
0.85
0.90
0.95
1.00
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Switching Frequency (kHz)
-10.5
-8.5
-6.5
-4.5
-2.5
-0.5
VIN = 12V
VOUT = 1.3V
IOUT = 30A
L = 0.30uH
TBLK = 125°C
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
345
67
89
10
11
12
13
Input Voltage (V)
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
13.5
VOUT = 1.3V
IOUT = 30A
fSW = 1MHz
L = 0.30uH
TBLK = 125°C
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
0.81.2
1.62.0
2.42.8
3.23.6
Output Voltage (V)
-3.5
-1.5
0.5
2.5
4.5
6.5
8.5
10.5
VIN = 12V
IOUT = 30A
fSW = 1MHz
L = 0.30uH
TBLK = 125°C
0
10
20
30
40
50
60
70
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Switching Frequency (kHz)
Does not include
PRDY current
TBLK = 25°C
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Output Inductance (uH)
-1.1
-0.6
-0.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VIN = 12V
VOUT = 1.3V
IOUT = 30A
fSW = 1MHz
TBLK = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com