Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002 Datasheet(PDF) 12 Page - International Rectifier

Part # IP2002
Description  Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002 Datasheet(HTML) 12 Page - International Rectifier

Back Button IP2002 Datasheet HTML 4Page - International Rectifier IP2002 Datasheet HTML 5Page - International Rectifier IP2002 Datasheet HTML 6Page - International Rectifier IP2002 Datasheet HTML 7Page - International Rectifier IP2002 Datasheet HTML 8Page - International Rectifier IP2002 Datasheet HTML 9Page - International Rectifier IP2002 Datasheet HTML 10Page - International Rectifier IP2002 Datasheet HTML 11Page - International Rectifier IP2002 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.irf.com
12
iP2002
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.8/01
Tape & Reel Information
Part Marking
iP2002
XXXX
0123
1. OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES:
16mm
FEED DIRECTION
24mm
0123
601000
iP2002
0123
iP2002
601000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com