Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002 Datasheet(PDF) 1 Page - International Rectifier

Part # IP2002
Description  Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002 Datasheet(HTML) 1 Page - International Rectifier

  IP2002 Datasheet HTML 1Page - International Rectifier IP2002 Datasheet HTML 2Page - International Rectifier IP2002 Datasheet HTML 3Page - International Rectifier IP2002 Datasheet HTML 4Page - International Rectifier IP2002 Datasheet HTML 5Page - International Rectifier IP2002 Datasheet HTML 6Page - International Rectifier IP2002 Datasheet HTML 7Page - International Rectifier IP2002 Datasheet HTML 8Page - International Rectifier IP2002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
iP2002
Features:
• Output current 30A continuous with no derating up to
T
PCB = 90°C and TCASE = 90°C
• Operating frequency up to 1MHz
• Dual sided heatsink capable
• Very small 11mm x 11mm x 2.6mm profile
• iP2001 footprint compatible
• Internal features minimize layout sensitivity *
• Optimized for very low power losses
Synchronous Buck
Multiphase Optimized BGA Power Block
Integrated Power Semiconductors, Drivers & Passives
Description
The iP2002 is a fully optimized solution for high current synchronous buck multiphase applications.
Board space and design time are greatly reduced because most of the components required for each
phase of a typical discrete-based multiphase circuit are integrated into a single 11mm x 11mm x 2.6mm
BGA power block. The only additional components required for a complete multiphase converter are a PWM
IC, the external inductors, and the input and output capacitors.
iPOWIR technology offers designers an innovative board space saving solution for applications
requiring high power densities.
iPOWIR technology eases design for applications where component
integration offers benefits in performance and functionality. iPOWIR technology solutions are also optimized
internally for layout, heat transfer and component selection.
iP2002 Power Block
03/20/03
PD - 94568A
* All of the difficult PCB layout and bypassing issues have been addressed with the internal design of the iPOWIR Block. There are no concerns about double
pulsing, unwanted shutdown, or other malfunctions which often occur in switching power supplies. The iPOWIR Block will function normally without any
additional input power supply bypass capacitors. However, for reliable long term operation it is recommended that at least four 10uF ceramic input
decoupling capacitors are provided to the V
IN pin of each power block. No additional bypassing is required on the VDD pin.
iP2002 Internal Block Diagram
MOSFET
Driver with
dead time
control
V
IN
V
SW
PGND
PRDY
ENABLE
PWM
V
DD
SGND
MOSFET
Driver with
dead time
control
V
IN
V
SW
PGND
PRDY
ENABLE
PWM
V
DD
SGND


Similar Part No. - IP2002

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
More results

Similar Description - IP2002

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com