Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2002 Datasheet(PDF) 7 Page - International Rectifier

Part # IP2002
Description  Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2002 Datasheet(HTML) 7 Page - International Rectifier

Back Button IP2002 Datasheet HTML 3Page - International Rectifier IP2002 Datasheet HTML 4Page - International Rectifier IP2002 Datasheet HTML 5Page - International Rectifier IP2002 Datasheet HTML 6Page - International Rectifier IP2002 Datasheet HTML 7Page - International Rectifier IP2002 Datasheet HTML 8Page - International Rectifier IP2002 Datasheet HTML 9Page - International Rectifier IP2002 Datasheet HTML 10Page - International Rectifier IP2002 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
iP2002
V
SW
P
GND
PRDY
ENABLE
V
DD
S
GND
A
A
DC
V
Average
Input
Voltage
Average
Input
Current
Average Output
Current
Averaging
Circuit
V
Average
Output
Voltage
DC
V
Average
VDD
Voltage
A
Average
VDD
Current
iP2001
P
IN = VIN Average x IIN Average
P
DD = VDD Average x IDD Average
P
OUT = VOUT Average x IOUT Average
P
LOSS = (PIN + PDD) - POUT
V
IN
PWM
t
d(on)
t
d(off)
PWM
V
SW
90%
10%
90%
10%
Fig 8. Power Loss Test Circuit
Fig 9. Timing Diagram
iP2002
Average
Output
Voltage
(V
OUT)
Example 2) Adjusting for SOA Temperature:
(Fig. 3)
Normalized SOA Temperature for input voltage
≈ -0.6°C
(Fig. 4)
Normalized SOA Temperature for output voltage
≈ 8.4°C
(Fig. 5)
Normalized SOA Temperature for frequency
≈ -1.8°C
(Fig. 6)
Normalized SOA Temperature for inductor value
≈ 1.1°C
T
X axis intercept temp adjustment = - 0.6°C + 8.4°C - 1.8°C + 1.1°C ≈ 7.1°C
Assuming T
CASE = 100°C & TPCB = 90°C:
The following example shows how the SOA current is adjusted for a T
X increase of 7.1°C.
0
10
20
30
40
5060708090
100
110
120
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
10
20
30
40
5060708090
100
110
120
PCB Temperature (ºC)
Safe
Operating
Area
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
L = 0.30uH
Case Temperature (ºC)
TX
Unadjusted SOA Current
Adjusted SOA Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com