Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3093M Datasheet(PDF) 21 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3093M Datasheet HTML 17Page - International Rectifier IR3093M Datasheet HTML 18Page - International Rectifier IR3093M Datasheet HTML 19Page - International Rectifier IR3093M Datasheet HTML 20Page - International Rectifier IR3093M Datasheet HTML 21Page - International Rectifier IR3093M Datasheet HTML 22Page - International Rectifier IR3093M Datasheet HTML 23Page - International Rectifier IR3093M Datasheet HTML 24Page - International Rectifier IR3093M Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
IR3093
Page 21 of 39
07/15/04
Figure 8 – Operating Waveforms
Soft-start delay time
tSSDEL is the time SS/DEL charged up to 1.1V. After that the error amplifier output is released
to allow the soft start. The soft start time
tSS represents the time during which converter output voltage rises from
zero to VO. tSS can be programmed by CSS using equation (4).
O
SS
O
SS
CHG
SS
V
t
V
t
I
C
*
10
*
60
*
6
(4)
Once CSS is chosen, the soft start delay time
tSSDEL, the over-current fault latch delay time tOCDEL, and the delay
time
tVccPG from output voltage (VO) in regulation to Power Good are fixed and shown in equation (5), (6) and (7)
respectively.
6
10
*
60
1
.
1
*
*
'
SS
CHG
SS
SSDEL
C
I
V
C
t
(5)
6
10
*
61
25
.
0
*
*
'
SS
DISCHG
SS
OCDEL
C
I
V
C
t
(6)
6
10
*
60
)
1
.
1
75
.
3
(
*
*


'
O
SS
CHG
SS
VccPG
V
C
I
V
C
t
(7)
Over Current Protection (OCP)
The current limit threshold is set by a resistor connected between the OCSET and VDAC pins. If the average
Current Sense Amplifier output plus VDAC voltage exceeds the OCSET voltage, the over-current protection is
triggered.
VCC
START-UP
NORMAL OPERATION
HICCUP OVER-CURRENT
PROTECTION
RE-START
AFTER OCP
CLEARS
POWER-DOWN
7.4V
UVLO
(12V)
5VUVL
4.36V
SS/DEL
3.75V
PWRGD
VOUT
IOUT
(5VUVL GATES
FAULT MODE)
(VCC GATES
FAULT MODE)
1.1V
(VOUT CHANGES DUE TO
LOAD AND VID CHANGES)
OCP
DELAY
OCP THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com