Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3093M Datasheet(PDF) 26 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 26 Page - International Rectifier

Back Button IR3093M Datasheet HTML 22Page - International Rectifier IR3093M Datasheet HTML 23Page - International Rectifier IR3093M Datasheet HTML 24Page - International Rectifier IR3093M Datasheet HTML 25Page - International Rectifier IR3093M Datasheet HTML 26Page - International Rectifier IR3093M Datasheet HTML 27Page - International Rectifier IR3093M Datasheet HTML 28Page - International Rectifier IR3093M Datasheet HTML 29Page - International Rectifier IR3093M Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
IR3093
Page 26 of 39
07/15/04
SETBIAS
FD
BIASOUT
SET
I
V
V
R

(15)
Compensation of the Current Share Loop
The crossover frequency of the current share loop should be at least one decade lower than that of the voltage
loop in order to eliminate the interaction between the two loops. A 22nF capacitor from SCOMP to LGND is good
for most of the applications. If necessary have a 1k resistor in series with the Csc to make the current loop a little
bit faster.
Compensation of Voltage Loop
The adaptive voltage positioning is used in the computer applications to meet the load line requirements. Like
current mode control, the adaptive voltage positioning loop introduces extra zero to the voltage loop and splits the
double poles of the power stage, which make the voltage loop compensation much easier.
Resistors RFB and RDRP are chosen according to Equations (12) and (13), and the selection of compensation
types depends on the capacitors used. For the applications using Electrolytic, Polymer or AL-Polymer capacitors,
type II compensation shown in Figure 11 (a) is usually enough. While for the applications with only low ESR
ceramic capacitors, type III compensation shown in Figure 11 (b) is preferred.
(a) Type II compensation
(b) Type III compensation
Figure 11 . Voltage loop compensation network
Type II Compensation
Determine the compensation at no load, the worst case condition. Assume the time constant of the resistor and
capacitor across the output inductors matches that of the inductor, the crossover frequency of the voltage loop can
be estimated by Equations (16), where CE and RCE are the equivalent capacitance and ESR of output capacitors
respectively and RLE is the equivalent resistance of inductor DCR.
)
*
(
*
2
CE
LE
FB
CS
E
DRP
C
R
R
R
G
C
R
f

S
(16)
RCOMP and CCOMP have limited effect on the crossover frequency, and are used only to fine tune the crossover
frequency and transient load response. Choose the desired crossover frequency fc1 around fc estimated by
Equation (16) and determine RCOMP and CCOMP.
CFB
CDRP
RCOMP
EAOUT
CCP1
CCOMP
RFB
RDRP
VO+
VDRP
VDAC
FB
+
-
EAOUT
RFB1
RCOMP
CCP1
EAOUT
CCOMP
RFB
RDRP
VO+
VDRP
VDAC
+
-
EAOUT
FB
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com