Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3093M Datasheet(PDF) 13 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3093M Datasheet HTML 9Page - International Rectifier IR3093M Datasheet HTML 10Page - International Rectifier IR3093M Datasheet HTML 11Page - International Rectifier IR3093M Datasheet HTML 12Page - International Rectifier IR3093M Datasheet HTML 13Page - International Rectifier IR3093M Datasheet HTML 14Page - International Rectifier IR3093M Datasheet HTML 15Page - International Rectifier IR3093M Datasheet HTML 16Page - International Rectifier IR3093M Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
IR3093
Page 13 of 39
07/15/04
Since the voltage drop in the body diode is often higher than output voltage, the inductor current slew rate can be
increased by 2X or more. This patent pending technique is referred to as “body braking” and is accomplished through
the “0% Duty Cycle Comparator”. If the Error Amplifier’s output voltage drops below 0.47V, this comparator turns off
the low side gate driver.
Figure 4 depicts PWM operating waveforms under various conditions
Figure 4 – PWM Operating Waveforms
Current Sense Amplifier
A high speed differential current sense amplifier is shown in Figure 5. Its gain decreases with increasing temperature
and is nominally 23.5 at 25ºC and 20.4 at 125ºC (-1400 ppm/ºC). This reduction of gain tends to compensate the 3850
ppm/ºC increase in inductor DCR. Since in most designs the IR3093 IC junction is hotter than the inductors these two
effects tend to cancel such that no additional temperature compensation of the load line is required.
The current sense amplifier can accept positive differential input up to 75mV and negative up to -25mV before clipping.
The output of the current sense amplifier is summed with the DAC voltage which is used for over current protection,
voltage positioning and current sharing.
Figure 5 – Inductor Current Sensing and Current Sense Amplifier
CLK1
PULSE
EAOUT
0.6V
PWM
Ramp1
GATEH1
GATEL1
STEADY-STATE
OPERATION
DUTY CYCLE INCREASE
DUE TO LOAD
INCREASE
DUTY CYCLE DECREASE DUE TO LOAD
DECREASE (BODY BRAKING) OR FAULT
STEADY-STATE
OPERATION
0.47V
Co
L
RL
Rs
Cs
Vo
CSA
CO
iL
vL
vc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com