Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3093M Datasheet(PDF) 12 Page - International Rectifier

Part # IR3093M
Description  3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3093M Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3093M Datasheet HTML 8Page - International Rectifier IR3093M Datasheet HTML 9Page - International Rectifier IR3093M Datasheet HTML 10Page - International Rectifier IR3093M Datasheet HTML 11Page - International Rectifier IR3093M Datasheet HTML 12Page - International Rectifier IR3093M Datasheet HTML 13Page - International Rectifier IR3093M Datasheet HTML 14Page - International Rectifier IR3093M Datasheet HTML 15Page - International Rectifier IR3093M Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
IR3093
Page 12 of 39
07/15/04
Figure 3 – 3 Phase Oscillator and PWM Waveforms
The RSFF is reset dominant allowing both phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go to 100% duty cycle in response to a load step increase
with turn-on gated by the clock pulses. An Error Amplifier output voltage greater than the common mode input range of
the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This arrangement
guarantees the Error Amplifier is always in control and can demand 0 to 100% duty cycle as required. It also favors
response to a load step decrease which is appropriate given the low output to input voltage ratio of most systems. The
inductor current will increase much more rapidly than decrease in response to load transients.
This control method is designed to provide “single cycle transient response” where the inductor current changes in
response to load transients within a single switching cycle maximizing the effectiveness of the power train and
minimizing the output capacitor requirements.
Body BrakingTM
In a conventional synchronous buck converter, the minimum time required to reduce the current in the inductor in
response to a load step decrease is;
TSLEW = [L x (IMAX - IMIN)] / Vout
The slew rate of the inductor current can be significantly increased by turning off the synchronous rectifier in response
to a load step decrease. The switch node voltage is then forced to decrease until conduction of the synchronous
rectifier’s body diode occurs. This increases the voltage across the inductor from Vout to Vout + VBODY DIODE. The
minimum time required to reduce the current in the inductor in response to a load transient decrease is now;
TSLEW = [L x (IMAX - IMIN)] / (Vout + VBODY DIODE)
CLK1
CLK3
50% INTERNAL OSCILLATOR RAMP
DUTY CYCLE
RAMP1 SLOPE = 50mV / % DC
0.6V
FIXED RAMP1
EAOUT
RAMP3
RAMP3 MIN DUTY
CYCLE ADJUST
RAMP3 MAX DUTY
CYCLE ADJUST
THE SHARE ADJUST ERROR AMPLIFIER CAN
CHANGE THE PULSE WIDTH OF RAMPS 2 & 3 FROM
0.5 x RAMP1 TO 2.0 X RAMP1 TO FORCE
CURRENT SHARING.
CLK2
RAMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com