Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9072 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9072
Description  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9072 Datasheet HTML 1Page - National Semiconductor (TI) LM9072 Datasheet HTML 2Page - National Semiconductor (TI) LM9072 Datasheet HTML 3Page - National Semiconductor (TI) LM9072 Datasheet HTML 4Page - National Semiconductor (TI) LM9072 Datasheet HTML 5Page - National Semiconductor (TI) LM9072 Datasheet HTML 6Page - National Semiconductor (TI) LM9072 Datasheet HTML 7Page - National Semiconductor (TI) LM9072 Datasheet HTML 8Page - National Semiconductor (TI) LM9072 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics (Continued)
6.0V
≤ V
IN ≤ 19V, TCASE = 25˚C, unless otherwise specified. COUT ≥ 6 µF with 0.3Ω≤ ESR ≤ 3Ω on each regulator output.
Symbol
Parameter
Conditions
Min
Max
Units
RESET OUTPUT
V
THRL
Low Switching Threshold
V
MAIN Output Controls Reset
4.45
4.75
V
V
THRH
High Switching Threshold
V
MAIN Output Controls Reset
5.40
5.75
V
V
LOW
Logic Low Output Voltage
1V
≤ V
MAIN ≤ VTHRL,
R
RESET = 50 kΩ to VMAIN
0.4
V
V
HIGH
Logic High Output Voltage
Normal Operation,
V
THRL ≤ VMAIN ≤ VTHRH,ISOURCE = 0
V
MAIN–
50 mV
V
MAIN
V
R
P-U
Internal Output Pull-Up Resistance
2.4
6.0
k
Ω
T
DELAY
Reset Delay Interval
C
DELAY = 0.1 µF (Low Leakage),
I
DELAY for Charging the Delay
Capacitor is Typically 6 µA
35
70
ms
T
RISE
Output Rise Time
From 10% V
MAIN to 90% VMAIN
C
LRESET = 50 pF
1.5
µs
T
FALL
Output Fall Time
From 90% V
MAIN to 10% VMAIN
C
LRESET = 50 pF
0.5
µs
CONTROL INPUTS
V
ON
ON Threshold for ON/OFF Input
R
SERIES = 22 kΩ
3.5
4.5
V
V
OFF
OFF Threshold for ON/OFF Input
R
SERIES = 22 kΩ (Note 3)
1.5
2.5
V
I
ON/OFF
ON/OFF Input Current
1.4V
≤ V
ON/OFF ≤ 4.5V
1
12
µA
−0.3V
≤ V
ON/OFF ≤ 7V (Note 6)
−1
5
mA
ON
K-A
Turn ON Threshold for Keep Alive
Input
2V
OFF
K-A
Turn OFF Threshold for Keep Alive
Input
(Note 3)
0.8
V
R
P-D
Pull-Down Resistance at Keep
Alive Input
0V
≤ V
K-A ≤ 5V
540
k
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device re-
mains functional but do not guarantee specific performance limits. For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: Human body model, 150 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 3: If either control input is left open circuited the regulators will turn OFF.
Note 4: The input quiescent current will increase when the regulators are in dropout conditions. The amount of additional input currents is a direct function of the total
load current on both outputs. The peak increase in current is limited to 50% of the total load current.
Note 5: The dropout voltage specifications actually indicate the saturation voltage of the PNP power transistors used in each regulator. Over the full load current and
temperature ranges both regulators will output at least 4.7V with an input voltage of only 5.5V.
Note 6: The ON/OFF input is internally clamped to a 7V zener diode througha1k
Ω resistor.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com