Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9072 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9072
Description  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM9072 Datasheet HTML 7Page - National Semiconductor (TI) LM9072 Datasheet HTML 8Page - National Semiconductor (TI) LM9072 Datasheet HTML 9Page - National Semiconductor (TI) LM9072 Datasheet HTML 10Page - National Semiconductor (TI) LM9072 Datasheet HTML 11Page - National Semiconductor (TI) LM9072 Datasheet HTML 12Page - National Semiconductor (TI) LM9072 Datasheet HTML 13Page - National Semiconductor (TI) LM9072 Datasheet HTML 14Page - National Semiconductor (TI) LM9072 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
Thermal Management
The LM9072 is packaged in both a TO-263 surface mount
power package and a narrow lead-pitch TO-220 package. To
obtain operation over the highest possible load current and
input voltage ranges, care must be taken to control the oper-
ating temperature of the device. Thermal shutdown protec-
tion is built in with a threshold above 150˚C. Conventional
heat sinking techniques can be used with the TO-220 pack-
age. When applying the TO-263 package on-board heat
sinking is important to prevent shut down. More copper foil
area under the tab of the device will directly reduce the oper-
ating junction temperature. Use of a double sided board with
vias between two planes of copper as shown in
Figure 8 will
improve performance and can optimize the PC board sur-
face area required.
Electro-Magnetic Compatibility (EMC)
The LM9072 offers good immunity to high frequency interfer-
ence in a standard Bulk Current Injection (BCI) test
(ISO11452 Part 4 test method). The following test conditions
and configuration (
Figure 9) can be used to observe this per-
formance.
Frequency Range
1 MHz to 400 MHz
Modulation 1
CW (no modulation)
Modulation 2
1 kHz sine wave, 80% AM
Dwell Time
1 second
Frequency Steps
1 MHz (from 1 MHz to 10 MHz)
2 MHz (from 10 MHz to 200 MHz)
20 MHz (from 200 MHz to 400 MHz)
Test Method
Closed loop current probe
In this test configuration the current injected into either the
input pin or the tracking output pin is increased until a reset
output is generated. These two pins are the most critical as
they typically will connect to a module through long lengths
of wire most likely to pick up high frequency energy.
Figure
10 illustrates examples of test results on the LM9072 with
both types of modulation.
These results are just examples as actual results in any
given application will depend on numerous external factors
such as component selection, pc board layout, etc. The cur-
rent power of the injected signal is expressed in dB relative
to 1 mA (i.e., 40 dBmA = 100 mA).
DS012906-24
FIGURE 8. Typical TO-263 PC Board Heatsinking
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com