Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9072 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9072
Description  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9072 Datasheet HTML 1Page - National Semiconductor (TI) LM9072 Datasheet HTML 2Page - National Semiconductor (TI) LM9072 Datasheet HTML 3Page - National Semiconductor (TI) LM9072 Datasheet HTML 4Page - National Semiconductor (TI) LM9072 Datasheet HTML 5Page - National Semiconductor (TI) LM9072 Datasheet HTML 6Page - National Semiconductor (TI) LM9072 Datasheet HTML 7Page - National Semiconductor (TI) LM9072 Datasheet HTML 8Page - National Semiconductor (TI) LM9072 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage (Continuous)
−45V to 45V
Input Voltage (Transient, t
≤ 400 ms)
60V
Forced Output Voltages
Main Output
−0.3V to 7V
Tracking Output
−0.3V to 27V
ON/OFF Input Voltage (Note 6)
−0.3V to 16V
ON/OFF Input Current
± 20 mA
Keep Alive In, Reset Out,
C
DELAY Voltage
−0.3V to 7V
Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Susceptibility (Note 2)
2000V
Lead Temperature
(Soldering, 10 seconds)
265˚C
Operating Ratings (Note 1)
Input Voltage Range
6V to 27V
Ambient Temperature Range
−40˚C to +125˚C
Thermal Resistance,
θ
J-C
4˚C/W
Thermal Resistance,
θ
J-A
43˚C/W
Electrical Characteristics
6.0V
≤ V
IN ≤ 19V, TCASE = 25˚C, unless otherwise specified. COUT ≥ 6 µF with 0.3Ω≤ ESR ≤ 3Ω on each regulator output.
Symbol
Parameter
Conditions
Min
Max
Units
MAIN REGULATOR
V
MAIN
Output Voltage
5 mA
≤ I
LOAD ≤ 350 mA
−40˚C
≤ T
CASE ≤ 125˚C
4.9
5.1
V
19V
≤ V
IN ≤ VSD,
5mA
≤ I
LOAD ≤ 350 mA
−40˚C
≤ T
CASE ≤ 125˚C
4.8
5.2
V
R
MLOAD
Load Regulation
V
IN = 16V, 5 mA ≤ ILOAD ≤ 350 mA
25
mV
R
MLINE
Line Regulation
I
LOAD = 350 mA, 8V ≤ VIN ≤ 16V
25
mV
V
MDO
Dropout Voltage, V
IN–VMAIN
V
IN > 5.5V, 5 mA ≤ ILOAD ≤ 350 mA
(Note 5)
0.8
V
V
SD
Overvoltage Shutdown Threshold
30
36
V
I
MSC
Output Short Circuit Current
R
L = 1Ω
450
1000
mA
R
MRR
Ripple Rejection
V
IN = 9V, 50 ≤ Freq ≤ 20 kHz,
V
RIPPLE = 4VP-P
40
dB
TRACKING REGULATOR
V
TRACK
Output Voltage
1 mA
≤ I
LOAD ≤ 80 mA
−40˚C
≤ T
CASE ≤ 125˚C
4.85
5.15
V
19V
≤ V
IN ≤ VSD
1mA
≤ I
LOAD ≤ 80 mA
−40˚C
≤ T
CASE ≤ 125˚C
4.725
5.275
V
V
ERROR
Output Tracking Error
(V
MAIN–VTRACK)
1mA
≤ I
LOAD ≤ 80 mA
−50
50
mV
V
TDO
Dropout Voltage,
V
IN–VTRACK
V
IN > 5.5V, 1 mA ≤ ILOAD ≤ 80 mA
(Note 5)
0.8
V
V
SD
Overvoltage Shutdown Threshold
30
36
V
I
TSC
Output Short Circuit Current
R
L = 1Ω
200
mA
V
TSC
Output Short Circuit Voltage
No Effect On Other Functions
−2
27
V
R
TRR
Ripple Rejection
V
IN = 9V, 50 ≤ Freq ≤ 20 kHz,
V
RIPPLE = 4VP-P
40
dB
INPUT CURRENT
I
qOFF
Quiescent Input Current with
Both Regulators OFF
8V
≤ V
IN ≤ 16V
40
µA
16V
≤ V
IN ≤ 42V
10
mA
I
q
No Load Quiescent Current
8V
≤ V
IN ≤ 19V, IL = 0mA
15
mA
In
ON
Additional Input Current with
Both Regulators ON
V
IN > 8V, ILtotal = ILmain +ILtrack
I
Ltotal = 350 mA+80mA = 430 mA
1.2
x I
Ltotal
Iin
do
Additional Input Current in Dropout
0V < V
IN < 8V, (Note 4)
I
Ltotal = ILmain +ILtrack
I
Ltotal = 350 mA+80mA = 430 mA
1.5
x I
Ltotal
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com