Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9072 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9072
Description  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM9072 Datasheet HTML 1Page - National Semiconductor (TI) LM9072 Datasheet HTML 2Page - National Semiconductor (TI) LM9072 Datasheet HTML 3Page - National Semiconductor (TI) LM9072 Datasheet HTML 4Page - National Semiconductor (TI) LM9072 Datasheet HTML 5Page - National Semiconductor (TI) LM9072 Datasheet HTML 6Page - National Semiconductor (TI) LM9072 Datasheet HTML 7Page - National Semiconductor (TI) LM9072 Datasheet HTML 8Page - National Semiconductor (TI) LM9072 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics (T
A = 25˚C unless otherwise specified) (Continued)
Operational Characteristics
Control Logic Truth Table
ON/OFF
Input
Keep-Alive
Input
Main
Output
Voltage
Tracking
Output
Voltage
Reset
Output
Operating Condition
L
L
0V
0V
0V
OFF, Input Current < 100 µA
↑
L5V
5V
↑ After Delay
Outputs Turn ON, Power ON Delayed Reset
H
X
5V
5V
5V
Normal ON Condition
HX
< 4.45V
< 4.45V
0V
Main Output Pulled Out of Regulation, Reset Flag Generated
↓
H
5V
5V
5V
Keep-Alive, Continued Normal Operation
L
↑
5V
5V
↑ After Delay
Outputs Turned ON by Keep-Alive Input
Reverse Battery
Input Current
DS012906-13
Maximum Power
Dissipation
DS012906-14
Output Capacitor ESR
DS012906-15
DS012906-16
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com