Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9072 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9072
Description  Dual Tracking Low-Dropout System Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9072 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9072 Datasheet HTML 1Page - National Semiconductor (TI) LM9072 Datasheet HTML 2Page - National Semiconductor (TI) LM9072 Datasheet HTML 3Page - National Semiconductor (TI) LM9072 Datasheet HTML 4Page - National Semiconductor (TI) LM9072 Datasheet HTML 5Page - National Semiconductor (TI) LM9072 Datasheet HTML 6Page - National Semiconductor (TI) LM9072 Datasheet HTML 7Page - National Semiconductor (TI) LM9072 Datasheet HTML 8Page - National Semiconductor (TI) LM9072 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM9072
Dual Tracking Low-Dropout System Regulator
General Description
The LM9072 is a high performance voltage regulator system
with operational and protection features that address many
requirements of automotive applications. Two regulated out-
puts are provided. The main regulator provides a precision
2% maximum tolerance 5V output at 350 mA with a low drop-
out characteristic. The second regulator provides a 5V out-
put that tracks the main regulator output voltage within 1.5%
with load currents up to 80 mA. The tracking output is ideal
for use in powering remotely located sensors with outputs
that are ratiometric to the main system supply. This output is
fully protected from short circuits to ground or the unregu-
lated input supply (ignition or battery potentials in automotive
applications).
The LM9072 also contains a programmable delayed system
reset output. Two control inputs are provided. An ON/OFF in-
put intended for connection to an ignition switch, and a Keep
Alive input to allow a system to remain powered after ignition
has been switched OFF.
For EMC concerns the LM9072 remains fully operational
and does not generate false rest signals while subjected to,
1 MHz to 400 MHz bulk current injection signals greater than
100 mA on the input supply and tracking output lines.
Features
n Two 5V regulated outputs:
— 350 mA, 2% Main output
— 80 mA, 1.5% Tracking output
n Good EMI (1 MHz to 400 MHz, BCI) immunity
n Separate ON/OFF and Keep-Alive control inputs
n Less than 100 µA quiescent current in OFF state
n Programmable delayed reset output
n Input transient protection over 60V to −45V
n Tracking output protected from shorts to battery
n Less than 1V dropout at full load
n −40˚C to +125˚C operating temperature range
n Surface mount TO-263 Power Package and Standard
TO-220 power package
Typical Applications
n Automotive module supply power conditioning
n Remote sensor biasing
n Ratiometric to supply sensor detection
n Continuous operation for save routines and EPROM
programming after power down command
n Safety related systems — EMC operational
Connection Diagrams and Ordering Information
9-Lead TO-263
Surface Mount Power Package
DS012906-2
Backside metal is internally connected to ground.
Order Number LM9072S
See NS Package Number TS9A
9-Lead TO-220 Package
DS012906-3
Tab is internally connected to ground.
Order Number LM9072T
See NS Package Number TA9A
December 1999
© 1999 National Semiconductor Corporation
DS012906
www.national.com


Similar Part No. - LM9072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9070 TI1-LM9070 Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
LM9070 TI2-LM9070 Datasheet
716Kb / 18P
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
REVISED APRIL 2013
logo
National Semiconductor ...
LM9070M NSC-LM9070M Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
LM9070S NSC-LM9070S Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
More results

Similar Description - LM9072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9073 NSC-LM9073 Datasheet
718Kb / 18P
Dual High Current Low-Dropout System Regulator
logo
ON Semiconductor
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
logo
Infineon Technologies A...
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
ON Semiconductor
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
logo
Texas Instruments
LM9071 TI1-LM9071 Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com