Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.DNET Datasheet(PDF) 13 Page - PULS GmbH

Part # QS5.DNET
Description  24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.DNET Datasheet(HTML) 13 Page - PULS GmbH

Back Button QS5.DNET Datasheet HTML 9Page - PULS GmbH QS5.DNET Datasheet HTML 10Page - PULS GmbH QS5.DNET Datasheet HTML 11Page - PULS GmbH QS5.DNET Datasheet HTML 12Page - PULS GmbH QS5.DNET Datasheet HTML 13Page - PULS GmbH QS5.DNET Datasheet HTML 14Page - PULS GmbH QS5.DNET Datasheet HTML 15Page - PULS GmbH QS5.DNET Datasheet HTML 16Page - PULS GmbH QS5.DNET Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
QS5.DNET
Q-Series
24V, 3.8A, NEC CLASS 2, DEVICENET® POWER SUPPLY
Switching Frequencies
The power supply has three converters with three different switching frequencies
included. Two are nearly constant. The other one is input voltage and load dependent.
Switching frequency 1
110kHz
nearly constant
Switching frequency 2
400kHz
nearly constant
Switching frequency 3
65kHz to 280kHz
input voltage and load dependent
15. ENVIRONMENT
Operational temperature *)
-25°C to +70°C (-13°F to 158°F)
reduce output power according Fig. 15-1
Storage temperature
-40 to +85°C (-40°F to 185°F)
for storage and transportation
Output de-rating
2W/°C
60-70°C (140°F to 158°F)
Humidity **)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock
30g 6ms, 20g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 2000m (0 to 6 560ft)
without any restrictions
2000 to 6000m (6 560 to 20 000ft)
reduce output power or ambient temperature,
see Fig. 15-2
IEC 62103, EN 50178, overvoltage category II
Altitude de-rating
5W/1000m or 5°C/1000m
> 2000m (6500ft), see Fig. 15-2
Over-voltage category
III
IEC 62103, EN 50178, altitudes up to 2000m
II
altitudes from 2000m to 6000m
Degree of pollution
2
IEC 62103, EN 50178, not conductive
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
**) Do not energize while condensation is present
Fig. 15-1 Output current vs. ambient temp.
Fig. 15-2 Output current vs. altitude
Allowed Output Current
0
-25
0
20
40
70°C
0.5
1.0
2.0
2.5
3.0
4.0A
60
Ambient Temperature
1.5
3.5
Allowed Output Current
0
0
2000
4000
6000m
0.5
1.0
2.0
2.5
3.5
4.0A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
A
B
C
1.5
3.0
Mar. 2013 / Rev. 2.2 DS-QS5.DNET-EN
All parameters are specified at 24V, 3.8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com