Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.DNET Datasheet(PDF) 4 Page - PULS GmbH

Part # QS5.DNET
Description  24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.DNET Datasheet(HTML) 4 Page - PULS GmbH

  QS5.DNET Datasheet HTML 1Page - PULS GmbH QS5.DNET Datasheet HTML 2Page - PULS GmbH QS5.DNET Datasheet HTML 3Page - PULS GmbH QS5.DNET Datasheet HTML 4Page - PULS GmbH QS5.DNET Datasheet HTML 5Page - PULS GmbH QS5.DNET Datasheet HTML 6Page - PULS GmbH QS5.DNET Datasheet HTML 7Page - PULS GmbH QS5.DNET Datasheet HTML 8Page - PULS GmbH QS5.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
QS5.DNET
Q-Series
24V, 3.8A, NEC CLASS 2, DEVICENET® POWER SUPPLY
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
85-264Vac
continuous operation
min.
60-85Vac
full power for 200ms, no damage between 0 and 85Vac
min.
264-300Vac
< 500ms
Allowed voltage L or N to earth
max.
264Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
82Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
78Vac
steady-state value, see Fig. 3-1
typ.
58Vac
dynamic value
AC 100V
AC 120V
AC 230V
Input current
typ.
1.02A
0.85A
0.48A
at 3.8A, see Fig. 3-3
Power factor *)
typ.
0.99
0.98
0.90
at 3.8A, see Fig. 3-4
Crest factor **)
typ.
1.48
1.55
1.71
at 3.8A
Start-up delay
typ.
120ms
110ms
85ms
see Fig. 3-2
Rise time
typ.
18ms
18ms
18ms
0mF, 3.8A, see Fig. 3-2
typ.
38ms
38ms
38ms
3.8mF, 3.8A, see Fig. 3-2
Turn-on overshoot
max.
100mV
100mV
100mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
60V
300Vac
264V
full
power
for
200ms
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
4.0A
0.5 1.0 1.5 2.0 2.5 3.0 3.5
0
0.2
0.4
0.6
0.8
1.0
1.2A
Output Current
Input
Current, typ.
230V
ac
120
Vac
10
0V
ac
Power Factor, typ.
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0A
0.75
0.8
0.85
0.9
0.95
1.0
Output Current
100Vac
120Vac
230V
ac
Mar. 2013 / Rev. 2.2 DS-QS5.DNET-EN
All parameters are specified at 24V, 3.8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com