Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.DNET Datasheet(PDF) 2 Page - PULS GmbH

Part # QS5.DNET
Description  24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.DNET Datasheet(HTML) 2 Page - PULS GmbH

  QS5.DNET Datasheet HTML 1Page - PULS GmbH QS5.DNET Datasheet HTML 2Page - PULS GmbH QS5.DNET Datasheet HTML 3Page - PULS GmbH QS5.DNET Datasheet HTML 4Page - PULS GmbH QS5.DNET Datasheet HTML 5Page - PULS GmbH QS5.DNET Datasheet HTML 6Page - PULS GmbH QS5.DNET Datasheet HTML 7Page - PULS GmbH QS5.DNET Datasheet HTML 8Page - PULS GmbH QS5.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
QS5.DNET
Q-Series
24V, 3.8A, NEC CLASS 2, DEVICENET® POWER SUPPLY
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
AC-Input...............................................................4
4.
DC-Input...............................................................5
5.
Input Inrush Current ...........................................5
6.
Output .................................................................6
7.
Hold-up Time.......................................................7
8.
DC-OK Relay Contact ..........................................7
9.
Efficiency and Power Losses................................8
10. Reliability .............................................................9
11. Functional Diagram...........................................10
12. Terminals and Wiring........................................10
13. Front Side and User Elements...........................11
14. EMC....................................................................12
15. Environment ......................................................13
16. Protection Features ...........................................14
17. Safety Features ..................................................14
18. Dielectric Strength ............................................14
19. Approvals...........................................................15
20. Fulfilled Standards ............................................15
21. Used Substances ............................................... 16
22. Physical Dimensions and Weight ..................... 16
23. Accessories ........................................................ 17
23.1. ZM1.WALL Wall Mounting Bracket .......17
23.2. ZM12.SIDE Side Mounting Bracket ........17
23.3. UF20.241 Buffer Module ..........................17
24. Application Notes............................................. 18
24.1. Peak Current Capability ...........................18
24.2. Back-feeding Loads ..................................18
24.3. External Input Protection.........................19
24.4. Charging of Batteries ...............................19
24.5. Output Circuit Breakers............................19
24.6. Parallel Use to Increase Output Power....20
24.7. Parallel Use for Redundancy ....................20
24.8. Series Operation .......................................20
24.9. Inductive and Capacitive Loads................20
24.10. Operation on Two Phases ........................20
24.11. Use in a Tightly Sealed Enclosure ............20
24.12. Mounting Orientations ............................21
The information presented in this document is believed to be accurate and reliable and may change without notice.
No part of this document may be reproduced or utilized in any form without permission in writing from the publisher.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
AC 230V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances (usually ±15%) included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
230Vac
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
50Hz vs. 60Hz
As long as not otherwise stated, AC 230V parameters are valid at 50Hz mains frequency.
may
A key word indicating flexibility of choice with no implied preference.
shall
A key word indicating a mandatory requirement.
should
A key word indicating flexibility of choice with a strongly preferred implementation.
Mar. 2013 / Rev. 2.2 DS-QS5.DNET-EN
All parameters are specified at 24V, 3.8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com