Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.DNET Datasheet(PDF) 1 Page - PULS GmbH

Part # QS5.DNET
Description  24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.DNET Datasheet(HTML) 1 Page - PULS GmbH

  QS5.DNET Datasheet HTML 1Page - PULS GmbH QS5.DNET Datasheet HTML 2Page - PULS GmbH QS5.DNET Datasheet HTML 3Page - PULS GmbH QS5.DNET Datasheet HTML 4Page - PULS GmbH QS5.DNET Datasheet HTML 5Page - PULS GmbH QS5.DNET Datasheet HTML 6Page - PULS GmbH QS5.DNET Datasheet HTML 7Page - PULS GmbH QS5.DNET Datasheet HTML 8Page - PULS GmbH QS5.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
QS5.DNET
Q-Series
24V, 3.8A, NEC CLASS 2, DEVICENET® POWER SUPPLY
POWER SUPPLY
AC 100-240V Wide-range Input
DeviceNet® Approved
NEC Class 2 Compliant
Width only 40mm
Efficiency up to 92%
Active Power Factor Correction (PFC)
DC Input from 88 to 360Vdc
Negligible low Inrush Current Surge
Short-term Operation down to 60Vac and up to 300Vac
Full Power Between -25°C and +60°C
DC-OK Relay Contact
Quick-connect Spring-clamp Terminals
3 Year Warranty
1/21
GENERAL DESCRIPTION
The QS5.DNET power supply is a derivate of the
Dimension QS5 family, which is specially designed to
meet the DeviceNet® requirement. The QS5.DNET exists
beside the QS10.DNET, which is the right choice to
supply networks with the thick cables.
The specialties of DeviceNet® power supplies are:
The nominal and overload currents are sized for the
ratings of the DeviceNet® cables.
Large load capacitors can be charged in a very short
period of time.
After turn on, the output voltage increases according
to the DeviceNet® timing specification.
The upper level of the output level is limited to
protect the network.
The most outstanding features are a high efficiency,
compact size, wide-range input voltage, a very low
inrush surge and a DC-ok contact. High immunity to
transients and power surges and a low electromagnetic
emission makes usage in nearly every environment
possible.
Unique quick-connect spring-clamp terminals allow a
safe and fast installation. A large international approval
package makes this unit suitable for nearly every
situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
fixed
not adjustable
Output current
3.8A
continuous
Output power
91.2W
continuous
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
+10%/-15%
Mains frequency
50-60Hz
±6%
AC Input current
0.85 / 0.45A
at 120 / 230Vac
Power factor
0.98 / 0.90
at 120 / 230Vac
AC Inrush current
typ. 9 / 11A peak at 120 / 230Vac
Efficiency
91.4 / 92.0%
at 120 / 230Vac
Losses
8.6 / 7.9W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating
2W/°C
+60 to +70°C
Hold-up time
typ. 44 / 85ms
at 120 / 230Vac
Dimensions
40x124x117mm
WxHxD
ORDER NUMBERS
Power Supply
QS5.DNET
24V DeviceNet® unit
Accessory
ZM1.WALL
Wall mount bracket
ZM12.SIDE
Side mount bracket
UF20.241
Buffer unit
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div
2
Marine
EMC, LVD
Mar. 2013 / Rev. 2.2 DS-QS5.DNET-EN
All parameters are specified at 24V, 3.8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - QS5.DNET

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
24V, 5A, SINGLE PHASE INPUT
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
24V, 100W, DC/DC CONVERTER
More results

Similar Description - QS5.DNET

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML30.100 PULS-ML30.100 Datasheet
252Kb / 2P
NEC Class 2 Power Supply
ML30.101 PULS-ML30.101 Datasheet
255Kb / 2P
NEC Class 2 Power Supply
ML30.102 PULS-ML30.102 Datasheet
212Kb / 2P
NEC Class 2 Power Supply
ML30.106 PULS-ML30.106 Datasheet
187Kb / 2P
NEC Class 2 Power Supply
ML50.102 PULS-ML50.102 Datasheet
403Kb / 2P
NEC Class 2 Power Supply
ML50.105 PULS-ML50.105 Datasheet
219Kb / 2P
NEC Class 2 Power Supply
ML50.111 PULS-ML50.111 Datasheet
363Kb / 2P
NEC Class 2 Power Supply
QS10.DNET PULS-QS10.DNET Datasheet
686Kb / 22P
24V, 8A, DEVICENET POWER SUPPLY
logo
Weidmuller
2580250000 WEIDMULLER-2580250000 Datasheet
268Kb / 5P
PRO INSTA 90W 24V 3.8A
logo
Schneider Electric
LULC09 SCHNEIDER-LULC09 Datasheet
98Kb / 3P
DeviceNet communication module, TeSys U, 24V DC supply
May 11, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com