Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5.DNET Datasheet(PDF) 5 Page - PULS GmbH

Part # QS5.DNET
Description  24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QS5.DNET Datasheet(HTML) 5 Page - PULS GmbH

  QS5.DNET Datasheet HTML 1Page - PULS GmbH QS5.DNET Datasheet HTML 2Page - PULS GmbH QS5.DNET Datasheet HTML 3Page - PULS GmbH QS5.DNET Datasheet HTML 4Page - PULS GmbH QS5.DNET Datasheet HTML 5Page - PULS GmbH QS5.DNET Datasheet HTML 6Page - PULS GmbH QS5.DNET Datasheet HTML 7Page - PULS GmbH QS5.DNET Datasheet HTML 8Page - PULS GmbH QS5.DNET Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
QS5.DNET
Q-Series
24V, 3.8A, NEC CLASS 2, DEVICENET® POWER SUPPLY
4. DC-INPUT
DC input
nom.
DC 110-300V
±20%
DC input range
min.
88-360Vdc
continuous operation
DC input current
typ.
0.91A / 0.33A
110Vdc / 300Vdc, at 3.8A
Allowed Voltage L/N to Earth
max.
375Vdc
IEC 62103
Turn-on voltage
typ.
80Vdc
steady state value
Shut-down voltage
typ.
76Vdc
steady state value
Fig. 4-1 Wiring for DC Input
Instructions for DC use:
+
-
Load
L
PE
+
-
Power Supply
AC
DC
Battery
N
a) Use a battery or similar DC source.
For other sources contact PULS
b) Connect +pole to L and –pole to N.
c) Connect the PE terminal to a earth wire or to the machine
ground.
5. INPUT INRUSH CURRENT
An active inrush limitation circuit limits the input inrush current after turn-on of the input voltage and after short
input voltage interruptions.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
max.
15Apeak
15Apeak
15Apeak
over entire temperature range
typ.
8Apeak
9Apeak
11Apeak
over entire temperature range
Inrush energy
max.
1A2s
1A2s
1A2s
over entire temperature range
Fig. 5-1 Input inrush current, typical behavior
>
>
Input Current
Input Voltage
Output Voltage
Input:
230Vac
Output:
24V, 3.8A
Ambient:
25°C
Upper curve:
Input current 5A / DIV
Middle curve:
Input voltage 500V / DIV
Lower curve:
Output voltage 20V / DIV
Time basis:
40ms / DIV
Mar. 2013 / Rev. 2.2 DS-QS5.DNET-EN
All parameters are specified at 24V, 3.8A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com