Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver (Rising Edge Strobe Output)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THC63LVDR84C Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
6
THine Electronics, Inc.
Security E
Electrical Characteristics
LVDS Receiver DC Specifications
Over recommended operating supply and temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ*
Max
Unit
VTH
Differential Input High
Threshold
RL=100Ω, VIC=+1.2V
-
-
100
mV
VTL
Differential Input Low
Threshold
-100
-
-
mV
IIN
Input Current
VIN=+2.4 / 0V
LVDS VCC=3.6V
-
-
30
A
Table 6. LVDS Receiver DC Specifications
LVCMOS DC Specifications
Over recommended operating supply and temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High Level Input Voltage
-
2.0
-
VCC
V
VIL
Low Level Input Voltage
-
GND
-
0.8
V
VOH
High Level Output Voltage
IOH=-4mA (Data)
IOH=-8mA (Clock)
2.4
-
-
V
VOL
Low Level Output Voltage
IOL=4mA (Data)
IOL=8mA (Clock)
-
-
0.4
V
IIN
Input Current
GND
 V
IN  VCC
-
-
10
A
Table 7. LVCMOS DC Specifications
LVCMOS Output Load Limitation
The output load is limited so that the junction temperature does not exceed 125C.
0.0
5.0
10.0
15.0
20.0
25.0
8
28
48
68
88
108
CLKOUT [MHz]
Ta= 70 ℃
Ta= 85 ℃
Figure 6. LVCMOS Output Load Limitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com