Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 12 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver (Rising Edge Strobe Output)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 12 Page - THine Electronics, Inc.

Back Button THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 11Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 12Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 13Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 14Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 15Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 16Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
11
THine Electronics, Inc.
Security E
System Connection Example
CLKIN
R2
R3
R4
R5
R6
R7
G2
G3
G4
G5
G6
G7
B2
B3
B4
B5
B6
B7
HSYNC
VSYNC
DE
R0
R1
G0
G1
B0
B1
CLKIN
TA0
TA1
TA2
TA3
TA4
TA5
TA6
TB0
TB1
TB2
TB3
TB4
TB5
TB6
TC0
TC1
TC2
TC3
TC4
TC5
TC6
TD0
TD1
TD2
TD3
TD4
TD5
TD6
/PDWN
/PDWN
RS
VCC33
R/F
GND
VCC
VCC33
LVDS GND
RA-
RA+
RB-
RB+
LVDS VCC
RC-
RC+
RCLK-
RCLK+
RD-
RD+
PLL GND
PLL VCC
TA-
TA+
TB-
TB+
TC-
TC+
TCLK-
TCLK+
TD-
TD+
Ferrite Bead
Ferrite Bead
0.1uF 0.01uF
THC63LVDM83D
PCB(Transmitter)
0.1uF
0.1uF
0.01uF
CLKOUT
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RC0
RC1
RC2
RC3
RC4
RC5
RC6
RD0
RD1
RD2
RD3
RD4
RD5
RD6
LVDS GND
PLL GND
PLL VCC
0.1uF
0.01uF
LVDS VCC
0.1uF
0.01uF
/PDWN
/PDWN
CLKOUT
R2
R3
R4
R5
R6
R7
G2
G3
G4
G5
G6
G7
B2
B3
B4
B5
B6
B7
HSYNC
VSYNC
DE
R0
R1
G0
G1
B0
B1
OPEN
THC63LVDF(R)84C
GND
VCC
VCC33
Ferrite Bead
Ferrite Bead
0.1uF
0.01uF
PCB(Receiver)
100ohm
100ohm
100ohm
100ohm
100ohm
GND
GND
0.01uF
100ohm pair Cable
or
PCB trace
Figure 12. Connection Example with JEIDA Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com