Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 10 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver (Rising Edge Strobe Output)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 10 Page - THine Electronics, Inc.

Back Button THC63LVDR84C Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 11Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 12Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 13Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 14Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
9
THine Electronics, Inc.
Security E
Input to Output Delay
RCLK+
Vdiff = 0V
VCC/2
tRCD
CLKOUT
Note:Vdiff=(RCLK+)-(RCLK-)
Figure 10.Input Clock to Output Clock Delay Time
Phase Lock Loop Set Time
VCC33
3.0V
RCLK+/-
/PDWN
VCC/2
CLKOUT
VCC/2
tRPLL
Figure 11. PLL Lock Loop Set Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com