Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84C Datasheet(PDF) 9 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver (Rising Edge Strobe Output)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 9 Page - THine Electronics, Inc.

Back Button THC63LVDR84C Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 11Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 12Page - THine Electronics, Inc. THC63LVDR84C Datasheet HTML 13Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
8
THine Electronics, Inc.
Security E
AC Timing Diagrams
LVDS Input
RCLK+
RA+/-
RA6
RA5
RA4
RA3
RA2
RA1
RA0
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RC6
RC5
RC4
RC3
RC2
RC1
RC0
RD6
RD5
RD4
RD3
RD2
RD1
RD0
tRIP6
tRIP5
tRIP4
tRIP3
tRIP2
tRIP1
tRIP0
(Differential)
RB+/-
RC+/-
RD+/-
Next Cycle
Vdiff = 0V 
Vdiff = 0V 
tRCP
Current Cycle
Previous Cycle
Note:Vdiff=(RCLK+)-(RCLK-)
Figure 7. LVDS Input Data Position
LVCMOS Output
tTLH
80%
20%
80%
20%
tTHL
CL=8pF
Figure 8. LVCMOS Output Load and Transition Time
CLKOUT
tRCP
tRCH
tRCL
VCC/2
VCC/2
VCC/2
tRS
tRH
RA0-RA6
RB0-RB6
RC0-RC6
RD0-RD6
VCC/2
VCC/2
Valid Data
Figure 9. LVCMOS Output Setup and Hold Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com